Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978CGEFL/V Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/V Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 118 page
background image
Production Data
WM8978
w
PD, Rev 4.5, October 2011
41
LIMITER MODE
ALCMODE = 1 (Limiter Mode)
ALCATK
tATKLIM
tATKLIM6dB
tATKLIM90%
0000
22.7µs
182µs
1.31ms
0001
45.4µS
363µs
2.62ms
0010
90.8µS
726µs
5.23ms
0011
182µS
1.45ms
10.5ms
0100
363µS
2.91ms
20.9ms
0101
726µS
5.81ms
41.8ms
0110
1.45ms
11.6ms
83.7ms
0111
2.9ms
23.2ms
167ms
1000
5.81ms
46.5ms
335ms
1001
11.6ms
93ms
669ms
1010
23.2ms
186ms
1.34s
Attack Time (s)
ALCMODE = 1 (Limiter Mode)
ALCDCY
tDCYLIM
tDCYLIM6dB
tDCYLIM90%
0000
90.8µs
726µs
5.23ms
0001
182µS
1.45ms
10.5ms
0010
363µS
2.91ms
20.9ms
0011
726µS
5.81ms
41.8ms
0100
1.45ms
11.6ms
83.7ms
0101
2.91ms
23.2ms
167ms
0110
5.81ms
46.5ms
335ms
0111
11.6ms
93ms
669ms
1000
23.2ms
186ms
1.34s
1001
46.5ms
372ms
2.68s
1010
93ms
744ms
5.36s
Attack Time (s)
Table 19 ALC Limiter Mode (Attack and Decay times)
MINIMUM AND MAXIMUM GAIN
The ALCMIN and ALCMAX register bits set the minimum/maximum gain value that the PGA can be
set to whilst under the control of the ALC. This has no effect on the PGA when ALC is not enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R32
ALC Control
1
5:3
ALCMAX
111
Set Maximum Gain of PGA
2:0
ALCMIN
000
Set minimum gain of PGA
Table 20 ALC Max/Min Gain
In normal mode, ALCMAX sets the maximum boost which can be applied to the signal. In limiter
mode, ALCMAX will normally have no effect (assuming the starting gain value is less than the
maximum gain specified by ALCMAX) because the maximum gain is set at the starting gain level.
ALCMIN sets the minimum gain value which can be applied to the signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com