Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978CGEFL/V Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/V Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 118 page
background image
WM8978
Production Data
w
PD, Rev 4.5, October 2011
30
MICROPHONE BIASING CIRCUIT
The MICBIAS output provides a low noise reference voltage suitable for biasing electret type
microphones and the associated external resistor biasing network. Refer to the Applications
Information section for recommended external components. The MICBIAS voltage can be altered via
the MBVSEL register bit.
When MBVSEL=0, MICBIAS=0.9*AVDD and when MBVSEL=1,
MICBIAS=0.65*AVDD. The output can be enabled or disabled using the MICBEN control bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
management 1
4
MICBEN
0
Microphone Bias Enable
0 = OFF (high impedance output)
1 = ON
Table 10 Microphone Bias Enable Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R44
Input control
8
MBVSEL
0
Microphone Bias Voltage Control
0 = 0.9 * AVDD
1 = 0.65 * AVDD
Table 11 Microphone Bias Voltage Control
The internal MICBIAS circuitry is shown in Figure 15. Note that the maximum source current
capability for MICBIAS is 3mA. The external biasing resistors therefore must be large enough to limit
the MICBIAS current to 3mA.
Figure 15 Microphone Bias Schematic
ANALOGUE TO DIGITAL CONVERTER (ADC)
The WM8978 uses stereo multi-bit, oversampled sigma-delta ADCs. The use of multi-bit feedback
and high oversampling rates reduces the effects of jitter and high frequency noise. The ADC Full
Scale input level is proportional to AVDD. With a 3.3V supply voltage, the full scale level is 1.0Vrms.
Any voltage greater than full scale may overload the ADC and cause distortion.
ADC DIGITAL FILTERS
The ADC filters perform true 24 bit signal processing to convert the raw multi-bit oversampled data
from the ADC to the correct sampling frequency to be output on the digital audio interface. The digital
filter path for each ADC channel is illustrated in Figure 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com