Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978CGEFL/V Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/V Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 118 page
background image
Production Data
WM8978
w
PD, Rev 4.5, October 2011
29
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R47
Left channel
Input BOOST
control
2:0
AUXL2BOOSTVOL
000
Controls the auxiliary amplifier to
the left channel input boost stage:
000=Path disabled (disconnected)
001=-12dB gain through boost
stage
010=-9dB gain through boost
stage
…
111=+6dB gain through boost
stage
6:4
L2_2BOOSTVOL
000
Controls the L2 pin to the left
channel input boost stage:
000=Path disabled (disconnected)
001=-12dB gain through boost
stage
010=-9dB gain through boost
stage
…
111=+6dB gain through boost
stage
R48
Right channel
Input BOOST
control
2:0
AUXR2BOOSTVOL
000
Controls the auxiliary amplifier to
the right channel input boost
stage:
000=Path disabled (disconnected)
001=-12dB gain through boost
stage
010=-9dB gain through boost
stage
…
111=+6dB gain through boost
stage
6:4
R2_2BOOSTVOL
000
Controls the R2 pin to the right
channel input boost stage:
000=Path disabled (disconnected)
001=-12dB gain through boost
stage
010=-9dB gain through boost
stage
…
111=+6dB gain through boost
stage
Table 8 Input BOOST Stage Control
The BOOST stage is enabled under control of the BOOSTEN register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2
Power
management
2
4
BOOSTENL
0
Left channel Input BOOST enable
0 = Boost stage OFF
1 = Boost stage ON
5
BOOSTENR
0
Right channel Input BOOST enable
0 = Boost stage OFF
1 = Boost stage ON
Table 9 Input BOOST Enable Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com