Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978CGEFL/V Datasheet(PDF) 100 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/V Datasheet(HTML) 100 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/V Datasheet HTML 96Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 97Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 98Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 99Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 100Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 101Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 102Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 103Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 104Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 118 page
background image
WM8978
Production Data
w
PD, Rev 4.5, October 2011
100
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
2:0
ALCMINGAIN
000
Set minimum gain of PGA
000=-12dB
001=-6dB
010=0dB
011=+6dB
100=+12dB
101=+18dB
110=+24dB
111=+30dB
Input Limiter/
Automatic
Level Control
(ALC)
33 (21h)
8
0
Reserved
7:4
ALCHLD
0000
ALC hold time before gain is increased.
0000 = 0ms
0001 = 2.67ms
0010 = 5.33ms
… (time doubles with every step)
1010 or higher = 1.36s
Input Limiter/
Automatic
Level Control
(ALC)
3:0
ALCLVL
1011
ALC target – sets signal level at ADC input
1111 : -1.5dBFS
1110 : -1.5dBFS
1101 : -3dBFS
1100 : -4.5dB management...... (-1.5dB steps)
0001 : -21dBFS
0000 : -22.5dBFS
Input Limiter/
Automatic
Level Control
(ALC)
34 (22h)
8
ALCMODE
0
Determines the ALC mode of operation:
0=ALC mode
1=Limiter mode
Input Limiter/
Automatic
Level Control
(ALC)
7:4
ALCDCY
[3:0]
0011
Decay (gain ramp-up) time
(ALCMODE ==0)
Input Limiter/
Automatic
Level Control
(ALC)
Per step
Per 6dB
90% of range
0000
410us
3.28ms
23.6ms
0001
820us
6.56ms
47.2ms
0010
1.64ms
13.1ms
94.5ms
… (time doubles with every step)
1010
or
higher
420ms
3.36s
24.2s
0011
Decay (gain ramp-up) time
(ALCMODE ==1)
Per step
Per 6dB
90% of range
0000
90.8us
726us
5.23ms
0001
182us
1.45ms
10.5ms
0010
363us
2.91ms
20.9ms
… (time doubles with every step)
1010
93ms
744ms
5.36s
3:0
ALCATK
0010
ALC attack (gain ramp-down) time
(ALCMODE == 0)
Input Limiter/
Automatic
Level Control
(ALC)
Per step
Per 6dB
90% of range
0000
104us
832us
6ms
0001
208us
1.66ms
12ms
0010
416us
3.33ms
24ms
… (time doubles with every step)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com