Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978CGEFL/V Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/V Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8978CGEFL/V Datasheet HTML 1Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 118 page
background image
Production Data
WM8978
w
PD, Rev 4.5, October 2011
5
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
LIP
Analogue input
Left Mic Pre-amp positive input
2
LIN
Analogue input
Left Mic Pre-amp negative input
3
L2/GPIO2
Analogue input
Left channel line input/secondary mic pre-amp positive input/GPIO2 pin
4
RIP
Analogue input
Right Mic Pre-amp positive input
5
RIN
Analogue input
Right Mic Pre-amp negative input
6
R2/GPIO3
Analogue input
Right channel line input/secondary mic pre-amp positive input/GPIO3 pin
7
LRC
Digital Input / Output
DAC and ADC Sample Rate Clock
8
BCLK
Digital Input / Output
Digital Audio Port Clock
9
ADCDAT
Digital Output
ADC Digital Audio Data Output
10
DACDAT
Digital Input
DAC Digital Audio Data Input
11
MCLK
Digital Input
Master Clock Input
12
DGND
Supply
Digital ground
13
DCVDD
Supply
Digital core logic supply
14
DBVDD
Supply
Digital buffer (I/O) supply
15
CSB/GPIO1
Digital Input / Output
3-Wire Control Interface Chip Select / GPIO1 pin
16
SCLK
Digital Input
3-Wire Control Interface Clock Input / 2-Wire Control Interface Clock
Input
17
SDIN
Digital Input / Output
3-Wire Control Interface Data Input / 2-Wire Control Interface Data Input
18
MODE
Digital Input
Control Interface Selection
19
AUXL
Analogue input
Left Auxillary input
20
AUXR
Analogue input
Right Auxillary input
21
OUT4
Analogue Output
Buffered midrail Headphone pseudo-ground, or Right line output or MONO
mix output
22
OUT3
Analogue Output
Buffered midrail Headphone pseudo-ground, or Left line output
23
ROUT2
Analogue Output
Second right output, or BTL speaker driver positive output
24
SPKGND
Supply
Speaker ground (feeds speaker amp and OUT3/OUT4)
25
LOUT2
Analogue Output
Second left output, or BTL speaker driver negative output
26
SPKVDD
Supply
Speaker supply (feed speaker amp only)
27
VMID
Reference
Decoupling for ADC and DAC reference voltage
28
AGND
Supply
Analogue ground (feeds ADC and DAC)
29
ROUT1
Analogue Output
Headphone or Line Output Right
30
LOUT1
Analogue Output
Headphone or Line Output Left
31
AVDD
Supply
Analogue supply (feeds ADC and DAC)
32
MICBIAS
Analogue Output
Microphone Bias
Note:
It is recommended that the QFN ground paddle should be connected to analogue ground on the application PCB. Refer to
the application note WAN_0118 on “Guidelines on How to Use QFN Packages and Create Associated PCB Footprints”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com