Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978CGEFL/V Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/V Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 118 page
background image
WM8978
Production Data
w
PD, Rev 4.5, October 2011
8
Test Conditions
DCVDD=1.8V, AVDD=DBVDD=SPKVDD= 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Automatic Level Control (ALC)
Target Record Level
-22.5
-1.5
dB
Programmable gain
-12
35.25
Gain Hold Time (Note 3,5)
tHOLD
MCLK = 12.288MHz
(Note 3)
0, 2.67, 5.33, 10.67, … , 43691
(time doubles with each step)
ms
Gain Ramp-Up (Decay) Time
(Note 4,5)
tDCY
ALCMODE=0 (ALC),
MCLK=12.288MHz
(Note 3)
3.3, 6.6, 13.1, … , 3360
(time doubles with each step)
ms
ALCMODE=1 (limiter),
MCLK=12.288MHz
(Note 3)
0.73, 1.45, 2.91, … , 744
(time doubles with each step)
Gain Ramp-Down (Attack) Time
(Note 4,5)
tATK
ALCMODE=0 (ALC),
MCLK=12.288MHz
(Note 3)
0.83, 1.66, 3.33, … , 852
(time doubles with each step)
ms
ALCMODE=1 (limiter),
MCLK=12.288MHz
(Note 3)
0.18, 0.36, 0.73, … , 186
(time doubles with each step)
Mute Attenuation
120
dB
Analogue to Digital Converter (ADC)
Signal to Noise Ratio (Note 6)
SNR
A-weighted, 0dB gain
85
95
dB
Total Harmonic Distortion
(Note 7)
THD
-3dBFS input
-84
-74
dB
Channel Separation (Note 9)
1kHz input signal
110
dB
Digital to Analogue Converter (DAC) to Line-Out (LOUT1, ROUT1 with 10k
 / 50pF load)
Full-scale output
PGA gains set to 0dB,
OUT34BOOST=0
AVDD/3.3
Vrms
PGA gains set to 0dB,
OUT34BOOST=1
1.5x
(AVDD/3.3)
Signal to Noise Ratio (Note 6)
SNR
A-weighted
90
98
dB
Total Harmonic Distortion
(Note 7)
THD
RL = 10k
full-scale signal
-84
-76
dB
Channel Separation (Note 8)
1kHz signal
110
dB
Output Mixers (LMX1, RMX1)
Maximum PGA gain into mixer
+6
dB
Minimum PGA gain into mixer
-15
dB
PGA gain step into mixer
Guaranteed monotonic
3
dB
Analogue Outputs (LOUT1, ROUT1, LOUT2, ROUT2)
Maximum Programmable Gain
+6
dB
Minimum Programmable Gain
-57
dB
Programmable Gain step size
Guaranteed monotonic
1
dB
Mute attenuation
1kHz, full scale signal
85
dB
Headphone Output (LOUT1, ROUT1 with 32
 load)
0dB full scale output voltage
AVDD/3.3
Vrms
Signal to Noise Ratio
SNR
A-weighted
102
dB
Total Harmonic Distortion
THD
RL = 16, Po=20mW
AVDD=3.3V
0.003
-92
%
dB
RL = 32 , Po=20mW
AVDD=3.3V
0.008
- 82
%
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com