Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 13 Page - SMSC Corporation

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710AI Datasheet(HTML) 13 Page - SMSC Corporation

Back Button LAN8710AI Datasheet HTML 9Page - SMSC Corporation LAN8710AI Datasheet HTML 10Page - SMSC Corporation LAN8710AI Datasheet HTML 11Page - SMSC Corporation LAN8710AI Datasheet HTML 12Page - SMSC Corporation LAN8710AI Datasheet HTML 13Page - SMSC Corporation LAN8710AI Datasheet HTML 14Page - SMSC Corporation LAN8710AI Datasheet HTML 15Page - SMSC Corporation LAN8710AI Datasheet HTML 16Page - SMSC Corporation LAN8710AI Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
SMSC LAN8710A/LAN8710Ai
13
Revision 1.4 (08-23-12)
DATASHEET
Note 2.1
Configuration strap values are latched on power-on reset and system reset. Configuration
straps are identified by an underlined symbol name. Signals that function as configuration
straps must be augmented with an external resistor when connected to a load. Refer to
Section 3.7, "Configuration Straps," on page 36 for additional information.
1
Carrier Sense
/ Receive
Data Valid
(RMII Mode)
CRS_DV
VO8
This signal is asserted to indicate the receive
medium is non-idle in RMII Mode. When a
10BASE-T packet is received, CRS_DV is
asserted, but RXD[1:0] is held low until the SFD
byte (10101011) is received.
Note:
Per the RMII standard, transmitted data
is not looped back onto the receive data
pins in 10BASE-T half-duplex mode.
Collision
Detect
(MII Mode)
COL
VO8
This signal is asserted to indicate detection of a
collision condition in MII Mode.
PHY
Operating
Mode 2
Configuration
Strap
MODE2
VIS
(PU)
Combined with MODE0 and MODE1, this
configuration strap sets the default PHY mode.
See Note 2.1 for more information on
configuration straps.
Note:
Refer to Section 3.7.2, "MODE[2:0]:
Mode Configuration," on page 36 for
additional details.
1
Carrier Sense
(MII Mode)
CRS
VO8
(PD)
This signal indicates detection of a carrier in MII
Mode.
Table 2.2 LED Pins
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
LED 1
LED1
O12
Link activity LED Indication. This pin is driven
active when a valid link is detected and blinks
when activity is detected.
Note:
Refer to Section 3.8.1, "LEDs," on
page 39 for additional LED information.
Regulator Off
Configuration
Strap
REGOFF
IS
(PD)
This configuration strap is used to disable the
internal 1.2V regulator. When the regulator is
disabled, external 1.2V must be supplied to
VDDCR.
When REGOFF is pulled high to VDD2A with
an external resistor, the internal regulator is
disabled.
When REGOFF is floating or pulled low, the
internal regulator is enabled (default).
See Note 2.2 for more information on
configuration straps.
Note:
Refer to Section 3.7.4, "REGOFF:
Internal +1.2V Regulator Configuration,"
on page 38 for additional details.
Table 2.1 MII/RMII Signals (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com