Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 21 Page - SMSC Corporation

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710AI Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LAN8710AI Datasheet HTML 17Page - SMSC Corporation LAN8710AI Datasheet HTML 18Page - SMSC Corporation LAN8710AI Datasheet HTML 19Page - SMSC Corporation LAN8710AI Datasheet HTML 20Page - SMSC Corporation LAN8710AI Datasheet HTML 21Page - SMSC Corporation LAN8710AI Datasheet HTML 22Page - SMSC Corporation LAN8710AI Datasheet HTML 23Page - SMSC Corporation LAN8710AI Datasheet HTML 24Page - SMSC Corporation LAN8710AI Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
SMSC LAN8710A/LAN8710Ai
21
Revision 1.4 (08-23-12)
DATASHEET
3.1.1.3
Scrambling
Repeated data patterns (especially the IDLE code-group) can have power spectral densities with large
narrow-band peaks. Scrambling the data helps eliminate these peaks and spread the signal power
more uniformly over the entire channel bandwidth. This uniform spectral density is required by FCC
regulations to prevent excessive EMI from being radiated by the physical wiring.
The seed for the scrambler is generated from the transceiver address, PHYAD, ensuring that in
multiple-transceiver applications, such as repeaters or switches, each transceiver will have its own
scrambler sequence.
The scrambler also performs the Parallel In Serial Out conversion (PISO) of the data.
3.1.1.4
NRZI and MLT-3 Encoding
The scrambler block passes the 5-bit wide parallel data to the NRZI converter where it becomes a
serial 125MHz NRZI data stream. The NRZI is encoded to MLT-3. MLT-3 is a tri-level code where a
change in the logic level represents a code bit “1” and the logic output remaining at the same level
represents a code bit “0”.
3.1.1.5
100M Transmit Driver
The MLT3 data is then passed to the analog transmitter, which drives the differential MLT-3 signal, on
outputs TXP and TXN, to the twisted pair media across a 1:1 ratio isolation transformer. The 10BASE-
T and 100BASE-TX signals pass through the same transformer so that common “magnetics” can be
used for both. The transmitter drives into the 100
Ω impedance of the CAT-5 cable. Cable termination
and impedance matching require external components.
00111
R
Second nibble of ESD, causes
deassertion of CRS if following /T/, else
assertion of RXER
Sent for falling TXEN
00100
H
Transmit Error Symbol
Sent for rising TXER
00110
V
INVALID, RXER if during RXDV
INVALID
11001
V
INVALID, RXER if during RXDV
INVALID
00000
V
INVALID, RXER if during RXDV
INVALID
00001
V
INVALID, RXER if during RXDV
INVALID
00010
V
INVALID, RXER if during RXDV
INVALID
00011
V
INVALID, RXER if during RXDV
INVALID
00101
V
INVALID, RXER if during RXDV
INVALID
01000
V
INVALID, RXER if during RXDV
INVALID
01100
V
INVALID, RXER if during RXDV
INVALID
10000
V
INVALID, RXER if during RXDV
INVALID
Table 3.1 4B/5B Code Table (continued)
CODE
GROUP
SYM
RECEIVER
INTERPRETATION
TRANSMITTER
INTERPRETATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com