Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 51 Page - SMSC Corporation

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710AI Datasheet(HTML) 51 Page - SMSC Corporation

Back Button LAN8710AI Datasheet HTML 47Page - SMSC Corporation LAN8710AI Datasheet HTML 48Page - SMSC Corporation LAN8710AI Datasheet HTML 49Page - SMSC Corporation LAN8710AI Datasheet HTML 50Page - SMSC Corporation LAN8710AI Datasheet HTML 51Page - SMSC Corporation LAN8710AI Datasheet HTML 52Page - SMSC Corporation LAN8710AI Datasheet HTML 53Page - SMSC Corporation LAN8710AI Datasheet HTML 54Page - SMSC Corporation LAN8710AI Datasheet HTML 55Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
SMSC LAN8710A/LAN8710Ai
51
Revision 1.4 (08-23-12)
DATASHEET
4.2
Control and Status Registers
Table 4.2 provides a list of supported registers. Register details, including bit definitions, are provided
in the proceeding subsections.
Table 4.2 SMI Register Map
REGISTER INDEX
(DECIMAL)
REGISTER NAME
GROUP
0
Basic Control Register
Basic
1
Basic Status Register
Basic
2
PHY Identifier 1
Extended
3
PHY Identifier 2
Extended
4
Auto-Negotiation Advertisement Register
Extended
5
Auto-Negotiation Link Partner Ability Register
Extended
6
Auto-Negotiation Expansion Register
Extended
17
Mode Control/Status Register
Vendor-specific
18
Special Modes
Vendor-specific
26
Symbol Error Counter Register
Vendor-specific
27
Control / Status Indication Register
Vendor-specific
29
Interrupt Source Register
Vendor-specific
30
Interrupt Mask Register
Vendor-specific
31
PHY Special Control/Status Register
Vendor-specific



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com