Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 76 Page - SMSC Corporation

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710AI Datasheet(HTML) 76 Page - SMSC Corporation

Back Button LAN8710AI Datasheet HTML 72Page - SMSC Corporation LAN8710AI Datasheet HTML 73Page - SMSC Corporation LAN8710AI Datasheet HTML 74Page - SMSC Corporation LAN8710AI Datasheet HTML 75Page - SMSC Corporation LAN8710AI Datasheet HTML 76Page - SMSC Corporation LAN8710AI Datasheet HTML 77Page - SMSC Corporation LAN8710AI Datasheet HTML 78Page - SMSC Corporation LAN8710AI Datasheet HTML 79Page - SMSC Corporation LAN8710AI Datasheet HTML 80Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
Revision 1.4 (08-23-12)
76
SMSC LAN8710A/LAN8710Ai
DATASHEET
5.5.5.1
RMII CLKIN Requirements
5.5.6
SMI Timing
This section specifies the SMI timing of the device. Please refer to Section 3.5, "Serial Management
Interface (SMI)," on page 33 for additional details.
Table 5.11 RMII CLKIN (REF_CLK) Timing Values
PARAMETER
MIN
TYP
MAX
UNITS
NOTES
CLKIN frequency
50
MHz
CLKIN Frequency Drift
± 50
ppm
CLKIN Duty Cycle
40
60
%
CLKIN Jitter
150
psec
p-p – not RMS
Figure 5.7 SMI Timing
Table 5.12 SMI Timing Values
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
NOTES
tclkp
MDC period
400
ns
tclkh
MDC high time
160 (80%)
ns
tclkl
MDC low time
160 (80%)
ns
tval
MDIO (read from PHY) output valid from rising
edge of MDC
300
ns
tohold
MDIO (read from PHY) output hold from rising
edge of MDC
0ns
tsu
MDIO (write to PHY) setup time to rising edge
of MDC
10
ns
tihold
MDIO (write to PHY) input hold time after rising
edge of MDC
10
ns
MDC
MDIO
tclkh
tclkl
tclkp
tohold
MDIO
tsu tihold
(Data-Out)
(Data-In)
tohold
tval



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com