Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 52 Page - SMSC Corporation

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710AI Datasheet(HTML) 52 Page - SMSC Corporation

Back Button LAN8710AI Datasheet HTML 48Page - SMSC Corporation LAN8710AI Datasheet HTML 49Page - SMSC Corporation LAN8710AI Datasheet HTML 50Page - SMSC Corporation LAN8710AI Datasheet HTML 51Page - SMSC Corporation LAN8710AI Datasheet HTML 52Page - SMSC Corporation LAN8710AI Datasheet HTML 53Page - SMSC Corporation LAN8710AI Datasheet HTML 54Page - SMSC Corporation LAN8710AI Datasheet HTML 55Page - SMSC Corporation LAN8710AI Datasheet HTML 56Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
Revision 1.4 (08-23-12)
52
SMSC LAN8710A/LAN8710Ai
DATASHEET
4.2.1
Basic Control Register
Note 4.1
The default value of this bit is determined by the MODE[2:0] configuration straps. Refer to
Section 3.7.2, "MODE[2:0]: Mode Configuration," on page 36 for additional information.
Index (In Decimal):
0
Size:
16 bits
BITS
DESCRIPTION
TYPE
DEFAULT
15
Soft Reset
1 = software reset. Bit is self-clearing. When setting this bit do not set other
bits in this register. The configuration (as described in Section 3.7.2,
"MODE[2:0]: Mode Configuration," on page 36) is set from the register bit
values, and not from the mode pins.
R/W
SC
0b
14
Loopback
0 = normal operation
1 = loopback mode
R/W
0b
13
Speed Select
0 = 10Mbps
1 = 100Mbps
Note:
Ignored if Auto-negotiation is enabled (0.12 = 1).
R/W
Note 4.1
12
Auto-Negotiation Enable
0 = disable auto-negotiate process
1 = enable auto-negotiate process (overrides 0.13 and 0.8)
R/W
Note 4.1
11
Power Down
0 = normal operation
1 = General power down mode
Note:
The Auto-Negotiation Enable must be cleared before setting the
Power Down.
R/W
0b
10
Isolate
0 = normal operation
1 = electrical isolation of PHY from the MII/RMII
R/W
0b
9
Restart Auto-Negotiate
0 = normal operation
1 = restart auto-negotiate process
Note:
Bit is self-clearing.
R/W
SC
0b
8
Duplex Mode
0 = half duplex
1 = full duplex
Note:
Ignored if Auto-Negotiation is enabled (0.12 = 1).
R/W
Note 4.1
7
Collision Test
0 = disable COL test
1 = enable COL test
R/W
0b
6:0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com