Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 23 Page - SMSC Corporation

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710AI Datasheet(HTML) 23 Page - SMSC Corporation

Back Button LAN8710AI Datasheet HTML 19Page - SMSC Corporation LAN8710AI Datasheet HTML 20Page - SMSC Corporation LAN8710AI Datasheet HTML 21Page - SMSC Corporation LAN8710AI Datasheet HTML 22Page - SMSC Corporation LAN8710AI Datasheet HTML 23Page - SMSC Corporation LAN8710AI Datasheet HTML 24Page - SMSC Corporation LAN8710AI Datasheet HTML 25Page - SMSC Corporation LAN8710AI Datasheet HTML 26Page - SMSC Corporation LAN8710AI Datasheet HTML 27Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
SMSC LAN8710A/LAN8710Ai
23
Revision 1.4 (08-23-12)
DATASHEET
The 100M PLL generates multiple phases of the 125MHz clock. A multiplexer, controlled by the timing
unit of the DSP, selects the optimum phase for sampling the data. This is used as the received
recovered clock. This clock is used to extract the serial data from the received signal.
3.1.2.3
NRZI and MLT-3 Decoding
The DSP generates the MLT-3 recovered levels that are fed to the MLT-3 converter. The MLT-3 is then
converted to an NRZI data stream.
3.1.2.4
Descrambling
The descrambler performs an inverse function to the scrambler in the transmitter and also performs
the Serial In Parallel Out (SIPO) conversion of the data.
During reception of IDLE (/I/) symbols. the descrambler synchronizes its descrambler key to the
incoming stream. Once synchronization is achieved, the descrambler locks on this key and is able to
descramble incoming data.
Special logic in the descrambler ensures synchronization with the remote transceiver by searching for
IDLE symbols within a window of 4000 bytes (40us). This window ensures that a maximum packet size
of 1514 bytes, allowed by the IEEE 802.3 standard, can be received with no interference. If no IDLE-
symbols are detected within this time-period, receive operation is aborted and the descrambler re-starts
the synchronization process.
3.1.2.5
Alignment
The de-scrambled signal is then aligned into 5-bit code-groups by recognizing the /J/K/ Start-of-Stream
Delimiter (SSD) pair at the start of a packet. Once the code-word alignment is determined, it is stored
and utilized until the next start of frame.
3.1.2.6
5B/4B Decoding
The 5-bit code-groups are translated into 4-bit data nibbles according to the 4B/5B table. The
translated data is presented on the RXD[3:0] signal lines. The SSD, /J/K/, is translated to “0101 0101”
as the first 2 nibbles of the MAC preamble. Reception of the SSD causes the transceiver to assert the
receive data valid signal, indicating that valid data is available on the RXD bus. Successive valid code-
groups are translated to data nibbles. Reception of either the End of Stream Delimiter (ESD) consisting
of the /T/R/ symbols, or at least two /I/ symbols causes the transceiver to de-assert the carrier sense
and receive data valid signals.
Note: These symbols are not translated into data.
3.1.2.7
Receive Data Valid Signal
The Receive Data Valid signal (RXDV) indicates that recovered and decoded nibbles are being
presented on the RXD[3:0] outputs synchronous to RXCLK. RXDV becomes active after the /J/K/
delimiter has been recognized and RXD is aligned to nibble boundaries. It remains active until either
the /T/R/ delimiter is recognized or link test indicates failure or SIGDET becomes false.
RXDV is asserted when the first nibble of translated /J/K/ is ready for transfer over the Media
Independent Interface (MII mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com