Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 28 Page - SMSC Corporation

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710AI Datasheet(HTML) 28 Page - SMSC Corporation

Back Button LAN8710AI Datasheet HTML 24Page - SMSC Corporation LAN8710AI Datasheet HTML 25Page - SMSC Corporation LAN8710AI Datasheet HTML 26Page - SMSC Corporation LAN8710AI Datasheet HTML 27Page - SMSC Corporation LAN8710AI Datasheet HTML 28Page - SMSC Corporation LAN8710AI Datasheet HTML 29Page - SMSC Corporation LAN8710AI Datasheet HTML 30Page - SMSC Corporation LAN8710AI Datasheet HTML 31Page - SMSC Corporation LAN8710AI Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
Revision 1.4 (08-23-12)
28
SMSC LAN8710A/LAN8710Ai
DATASHEET
signal transmitted by the link partner. Auto-negotiation resumes in an attempt to determine the new
link configuration.
If the management entity re-starts auto-negotiation by setting the Restart Auto-Negotiate bit of the
Basic Control Register, the LAN8710A/LAN8710Ai will respond by stopping all transmission/receiving
operations. Once the break_link_timer is completed in the Auto-negotiation state-machine
(approximately 1200ms), auto-negotiation will re-start. In this case, the link partner will have also
dropped the link due to lack of a received signal, so it too will resume auto-negotiation.
3.2.3
Disabling Auto-negotiation
Auto-negotiation can be disabled by setting the Auto-Negotiation Enable bit of the Basic Control
Register to zero. The device will then force its speed of operation to reflect the information in the Basic
Control Register (Speed Select bit and Duplex Mode bit). These bits should be ignored when auto-
negotiation is enabled.
3.2.4
Half vs. Full Duplex
Half duplex operation relies on the CSMA/CD (Carrier Sense Multiple Access / Collision Detect)
protocol to handle network traffic and collisions. In this mode, the carrier sense signal, CRS, responds
to both transmit and receive activity. If data is received while the transceiver is transmitting, a collision
results.
In full duplex mode, the transceiver is able to transmit and receive data simultaneously. In this mode,
CRS responds only to receive activity. The CSMA/CD protocol does not apply and collision detection
is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com