Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 40 Page - SMSC Corporation

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710AI Datasheet(HTML) 40 Page - SMSC Corporation

Back Button LAN8710AI Datasheet HTML 36Page - SMSC Corporation LAN8710AI Datasheet HTML 37Page - SMSC Corporation LAN8710AI Datasheet HTML 38Page - SMSC Corporation LAN8710AI Datasheet HTML 39Page - SMSC Corporation LAN8710AI Datasheet HTML 40Page - SMSC Corporation LAN8710AI Datasheet HTML 41Page - SMSC Corporation LAN8710AI Datasheet HTML 42Page - SMSC Corporation LAN8710AI Datasheet HTML 43Page - SMSC Corporation LAN8710AI Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
Revision 1.4 (08-23-12)
40
SMSC LAN8710A/LAN8710Ai
DATASHEET
pin is pulled low by an external pull-down resistor to select a logical low for nINTSEL, the LED2 output
will then be an active high output. Figure 3.8 details the LED2 polarity for each nINTSEL configuration.
Note: Refer to Section 3.7.5, "nINTSEL: nINT/TXER/TXD4 Configuration," on page 38 for additional
information on the nINTSEL configuration strap.
3.8.2
Variable Voltage I/O
The device’s digital I/O pins are variable voltage, allowing them to take advantage of low power savings
from shrinking technologies. These pins can operate from a low I/O voltage of +1.62V up to +3.6V.
The applied I/O voltage must maintain its value with a tolerance of ± 10%. Varying the voltage up or
down after the transceiver has completed power-on reset can cause errors in the transceiver operation.
Refer to Chapter 5, "Operational Characteristics," on page 66 for additional information.
Note: Input signals must not be driven high before power is applied to the device.
3.8.3
Power-Down Modes
There are two device power-down modes: General Power-Down Mode and Energy Detect Power-
Down Mode. These modes are described in the following subsections.
3.8.3.1
General Power-Down
This power-down mode is controlled via the Power Down bit of the Basic Control Register. In this
mode, the entire transceiver (except the management interface) is powered-down and remains in this
mode as long as the Power Down bit is “1”. When the Power Down bit is cleared, the transceiver
powers up and is automatically reset.
3.8.3.2
Energy Detect Power-Down
This power-down mode is activated by setting the EDPWRDOWN bit of the Mode Control/Status
Register. In this mode, when no energy is present on the line the transceiver is powered down (except
for the management interface, the SQUELCH circuit, and the ENERGYON logic). The ENERGYON
logic is used to detect the presence of valid energy from 100BASE-TX, 10BASE-T, or Auto-negotiation
signals.
In this mode, when the ENERGYON bit of the Mode Control/Status Register is low, the transceiver is
powered-down and nothing is transmitted. When energy is received via link pulses or packets, the
ENERGYON bit goes high and the transceiver powers-up. The device automatically resets into the
Figure 3.8 LED2/nINTSEL Polarity Configuration
~270 ohms
nINTSEL = 0
LED output = Active High
10K
~270 ohms
VDD2A
nINTSEL = 1
LED output = Active Low
LED2/nINTSEL
LED2/nINTSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com