Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 20 Page - SMSC Corporation

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710AI Datasheet(HTML) 20 Page - SMSC Corporation

Back Button LAN8710AI Datasheet HTML 16Page - SMSC Corporation LAN8710AI Datasheet HTML 17Page - SMSC Corporation LAN8710AI Datasheet HTML 18Page - SMSC Corporation LAN8710AI Datasheet HTML 19Page - SMSC Corporation LAN8710AI Datasheet HTML 20Page - SMSC Corporation LAN8710AI Datasheet HTML 21Page - SMSC Corporation LAN8710AI Datasheet HTML 22Page - SMSC Corporation LAN8710AI Datasheet HTML 23Page - SMSC Corporation LAN8710AI Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
Revision 1.4 (08-23-12)
20
SMSC LAN8710A/LAN8710Ai
DATASHEET
For RMII, the MAC controller drives the transmit data onto the TXD bus and asserts TXEN to indicate
valid data. The data is latched by the transceiver’s RMII block on the rising edge of REF_CLK. The
data is in the form of 2-bit wide 50MHz data.
3.1.1.2
4B/5B Encoding
The transmit data passes from the MII/RMII block to the 4B/5B encoder. This block encodes the data
from 4-bit nibbles to 5-bit symbols (known as “code-groups”) according to Table 3.1. Each 4-bit data-
nibble is mapped to 16 of the 32 possible code-groups. The remaining 16 code-groups are either used
for control information or are not valid.
The first 16 code-groups are referred to by the hexadecimal values of their corresponding data nibbles,
0 through F. The remaining code-groups are given letter designations with slashes on either side. For
example, an IDLE code-group is /I/, a transmit error code-group is /H/, etc.
Table 3.1 4B/5B Code Table
CODE
GROUP
SYM
RECEIVER
INTERPRETATION
TRANSMITTER
INTERPRETATION
11110
0
0
0000
DATA
0
0000
DATA
01001
1
1
0001
1
0001
10100
2
2
0010
2
0010
10101
3
3
0011
3
0011
01010
4
4
0100
4
0100
01011
5
5
0101
5
0101
01110
6
6
0110
6
0110
01111
7
7
0111
7
0111
10010
8
8
1000
8
1000
10011
9
9
1001
9
1001
10110
A
A
1010
A
1010
10111
B
B
1011
B
1011
11010
C
C
1100
C
1100
11011
D
D
1101
D
1101
11100
E
E
1110
E
1110
11101
F
F
1111
F
1111
11111
I
IDLE
Sent after /T/R until TXEN
11000
J
First nibble of SSD, translated to “0101”
following IDLE, else RXER
Sent for rising TXEN
10001
K
Second nibble of SSD, translated to
“0101” following J, else RXER
Sent for rising TXEN
01101
T
First nibble of ESD, causes de-assertion
of CRS if followed by /R/, else assertion
of RXER
Sent for falling TXEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com