Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 58 Page - SMSC Corporation

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710AI Datasheet(HTML) 58 Page - SMSC Corporation

Back Button LAN8710AI Datasheet HTML 54Page - SMSC Corporation LAN8710AI Datasheet HTML 55Page - SMSC Corporation LAN8710AI Datasheet HTML 56Page - SMSC Corporation LAN8710AI Datasheet HTML 57Page - SMSC Corporation LAN8710AI Datasheet HTML 58Page - SMSC Corporation LAN8710AI Datasheet HTML 59Page - SMSC Corporation LAN8710AI Datasheet HTML 60Page - SMSC Corporation LAN8710AI Datasheet HTML 61Page - SMSC Corporation LAN8710AI Datasheet HTML 62Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
Revision 1.4 (08-23-12)
58
SMSC LAN8710A/LAN8710Ai
DATASHEET
4.2.7
Auto Negotiation Expansion Register
Index (In Decimal):
6
Size:
16 bits
BITS
DESCRIPTION
TYPE
DEFAULT
15:5
RESERVED
RO
-
4
Parallel Detection Fault
0 = no fault detected by parallel detection logic
1 = fault detected by parallel detection logic
RO/LH
0b
3
Link Partner Next Page Able
0 = link partner does not have next page ability
1 = link partner has next page ability
RO
0b
2
Next Page Able
0 = local device does not have next page ability
1 = local device has next page ability
RO
0b
1
Page Received
0 = new page not yet received
1 = new page received
RO/LH
0b
0
Link Partner Auto-Negotiation Able
0 = link partner does not have auto-negotiation ability
1 = link partner has auto-negotiation ability
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com