Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 62 Page - SMSC Corporation

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710AI Datasheet(HTML) 62 Page - SMSC Corporation

Back Button LAN8710AI Datasheet HTML 58Page - SMSC Corporation LAN8710AI Datasheet HTML 59Page - SMSC Corporation LAN8710AI Datasheet HTML 60Page - SMSC Corporation LAN8710AI Datasheet HTML 61Page - SMSC Corporation LAN8710AI Datasheet HTML 62Page - SMSC Corporation LAN8710AI Datasheet HTML 63Page - SMSC Corporation LAN8710AI Datasheet HTML 64Page - SMSC Corporation LAN8710AI Datasheet HTML 65Page - SMSC Corporation LAN8710AI Datasheet HTML 66Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
Revision 1.4 (08-23-12)
62
SMSC LAN8710A/LAN8710Ai
DATASHEET
4.2.11
Special Control/Status Indications Register
Index (In Decimal):
27
Size:
16 bits
BITS
DESCRIPTION
TYPE
DEFAULT
15
AMDIXCTRL
HP Auto-MDIX control:
0 = Enable Auto-MDIX
1 = Disable Auto-MDIX (use 27.13 to control channel)
R/W
0b
14
RESERVED
RO
-
13
CH_SELECT
Manual channel select:
0 = MDI (TX transmits, RX receives)
1 = MDIX (TX receives, RX transmits)
R/W
0b
12
RESERVED
RO
-
11
SQEOFF
Disable the SQE test (Heartbeat):
0 = SQE test is enabled
1 = SQE test is disabled
R/W
NASR
0b
10:5
RESERVED
RO
-
4
XPOL
Polarity state of the 10BASE-T:
0 = Normal polarity
1 = Reversed polarity
RO
0b
3:0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com