Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 69 Page - SMSC Corporation

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710AI Datasheet(HTML) 69 Page - SMSC Corporation

Back Button LAN8710AI Datasheet HTML 65Page - SMSC Corporation LAN8710AI Datasheet HTML 66Page - SMSC Corporation LAN8710AI Datasheet HTML 67Page - SMSC Corporation LAN8710AI Datasheet HTML 68Page - SMSC Corporation LAN8710AI Datasheet HTML 69Page - SMSC Corporation LAN8710AI Datasheet HTML 70Page - SMSC Corporation LAN8710AI Datasheet HTML 71Page - SMSC Corporation LAN8710AI Datasheet HTML 72Page - SMSC Corporation LAN8710AI Datasheet HTML 73Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
SMSC LAN8710A/LAN8710Ai
69
Revision 1.4 (08-23-12)
DATASHEET
Note 5.9
This specification applies to all inputs and tri-stated bi-directional pins. Internal pull-down
and pull-up resistors add +/- 50uA per-pin (typical).
Note 5.10 Measured at line side of transformer, line replaced by 100
Ω (+/- 1%) resistor.
Note 5.11
Offset from 16nS pulse width at 50% of pulse peak.
Note 5.12 Measured differentially.
Table 5.3 Variable I/O Buffer Characteristics
PARAMETER
SYMBOL
MIN
1.8V
TYP
2.5V
TYP
3.3V
TYP
MAX
UNITS
NOTES
VIS Type Input Buffer
Low Input Level
High Input Level
Neg-Going Threshold
Pos-Going Threshold
Schmitt Trigger
Hysteresis (VIHT - VILT)
Input Leakage
(VIN = VSS or VDDIO)
Input Capacitance
VILI
VIHI
VILT
VIHT
VHYS
IIH
CIN
-0.3
0.64
0.81
102
-10
0.83
0.99
158
1.15
1.29
136
1.41
1.65
138
3.6
1.76
1.90
288
10
2
V
V
V
V
mV
uA
pF
Schmitt trigger
Schmitt trigger
Note 5.9
VO8 Type Buffers
Low Output Level
High Output Level
VOL
VOH
VDDIO - 0.4
0.4
V
V
IOL = 8mA
IOH = -8mA
VOD8 Type Buffer
Low Output Level
VOL
0.4
V
IOL = 8mA
Table 5.4 100BASE-TX Transceiver Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Peak Differential Output Voltage High
VPPH
950
-
1050
mVpk
Note 5.10
Peak Differential Output Voltage Low
VPPL
-950
-
-1050
mVpk
Note 5.10
Signal Amplitude Symmetry
VSS
98
-
102
%
Note 5.10
Signal Rise and Fall Time
TRF
3.0
-
5.0
nS
Note 5.10
Rise and Fall Symmetry
TRFS
--
0.5
nS
Note 5.10
Duty Cycle Distortion
DCD
35
50
65
%
Note 5.11
Overshoot and Undershoot
VOS
--
5
%
Jitter
1.4
nS
Note 5.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com