Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 75 Page - SMSC Corporation

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710AI Datasheet(HTML) 75 Page - SMSC Corporation

Back Button LAN8710AI Datasheet HTML 71Page - SMSC Corporation LAN8710AI Datasheet HTML 72Page - SMSC Corporation LAN8710AI Datasheet HTML 73Page - SMSC Corporation LAN8710AI Datasheet HTML 74Page - SMSC Corporation LAN8710AI Datasheet HTML 75Page - SMSC Corporation LAN8710AI Datasheet HTML 76Page - SMSC Corporation LAN8710AI Datasheet HTML 77Page - SMSC Corporation LAN8710AI Datasheet HTML 78Page - SMSC Corporation LAN8710AI Datasheet HTML 79Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
SMSC LAN8710A/LAN8710Ai
75
Revision 1.4 (08-23-12)
DATASHEET
5.5.5
RMII Interface Timing
Note 5.19 Timing was designed for system load between 10 pf and 25 pf.
Figure 5.6 RMII Timing
Table 5.10 RMII Timing Values
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
NOTES
tclkp
CLKIN period
20
ns
tclkh
CLKIN high time
tclkp*0.35
tclkp*0.65
ns
tclkl
CLKIN low time
tclkp*0.35
tclkp*0.65
ns
toval
RXD[1:0], RXER, CRS_DV output valid from
rising edge of CLKIN
14.0
ns
Note 5.19
tohold
RXD[1:0], RXER, CRS_DV output hold from
rising edge of CLKIN
3.0
ns
Note 5.19
tsu
TXD[1:0], TXEN setup time to rising edge of
CLKIN
4.0
ns
Note 5.19
tihold
TXD[1:0], TXEN input hold time after rising edge
of CLKIN
1.5
ns
Note 5.19
CLKIN
(REF_CLK)
RXD[1:0],
RXER
CRS_DV
tclkh
tclkl
tclkp
toval
tohold
toval
toval
tohold
tsu
TXD[1:0]
TXEN
tihold
tsu tihold
tihold
tsu
tihold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com