Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 43 Page - SMSC Corporation

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710AI Datasheet(HTML) 43 Page - SMSC Corporation

Back Button LAN8710AI Datasheet HTML 39Page - SMSC Corporation LAN8710AI Datasheet HTML 40Page - SMSC Corporation LAN8710AI Datasheet HTML 41Page - SMSC Corporation LAN8710AI Datasheet HTML 42Page - SMSC Corporation LAN8710AI Datasheet HTML 43Page - SMSC Corporation LAN8710AI Datasheet HTML 44Page - SMSC Corporation LAN8710AI Datasheet HTML 45Page - SMSC Corporation LAN8710AI Datasheet HTML 46Page - SMSC Corporation LAN8710AI Datasheet HTML 47Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
SMSC LAN8710A/LAN8710Ai
43
Revision 1.4 (08-23-12)
DATASHEET
Collision Test is enabled in the Basic Control Register. The transmitters are powered down regardless
of the state of TXEN.
3.8.9.2
Far Loopback
Far loopback is a special test mode for MDI (analog) loopback as indicated by the blue arrows in
Figure 3.11. The far loopback mode is enabled by setting the FARLOOPBACK bit of the Mode
Control/Status Register to “1”. In this mode, data that is received from the link partner on the MDI is
looped back out to the link partner. The digital interface signals on the local MAC interface are isolated.
Note: This special test mode is only available when operating in RMII mode.
3.8.9.3
Connector Loopback
The device maintains reliable transmission over very short cables, and can be tested in a connector
loopback as shown in Figure 3.11. An RJ45 loopback cable can be used to route the transmit signals
Figure 3.9 Near-end Loopback Block Diagram
Figure 3.10 Far Loopback Block Diagram
SMSC
Ethernet Transceiver
10/100
Ethernet
MAC
CAT-5
XFMR
Digital
RXD
TXD
Analog
RX
TX
X
X
Far-end system
SMSC
Ethernet Transceiver
10/100
Ethernet
MAC
CAT-5
XFMR
Digital
RXD
TXD
Analog
RX
TX
Link
Partner
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com