Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 56 Page - SMSC Corporation

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710AI Datasheet(HTML) 56 Page - SMSC Corporation

Back Button LAN8710AI Datasheet HTML 52Page - SMSC Corporation LAN8710AI Datasheet HTML 53Page - SMSC Corporation LAN8710AI Datasheet HTML 54Page - SMSC Corporation LAN8710AI Datasheet HTML 55Page - SMSC Corporation LAN8710AI Datasheet HTML 56Page - SMSC Corporation LAN8710AI Datasheet HTML 57Page - SMSC Corporation LAN8710AI Datasheet HTML 58Page - SMSC Corporation LAN8710AI Datasheet HTML 59Page - SMSC Corporation LAN8710AI Datasheet HTML 60Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
Revision 1.4 (08-23-12)
56
SMSC LAN8710A/LAN8710Ai
DATASHEET
4.2.5
Auto Negotiation Advertisement Register
Note 4.3
The default value of this bit is determined by the MODE[2:0] configuration straps. Refer to
Section 3.7.2, "MODE[2:0]: Mode Configuration," on page 36 for additional information.
Index (In Decimal):
4
Size:
16 bits
BITS
DESCRIPTION
TYPE
DEFAULT
15:14
RESERVED
RO
-
13
Remote Fault
0 = no remote fault
1 = remote fault detected
R/W
0b
12
RESERVED
RO
-
11:10
Pause Operation
00 = No PAUSE
01 = Symmetric PAUSE
10 = Asymmetric PAUSE toward link partner
11 = Advertise support for both Symmetric PAUSE and Asymmetric PAUSE
toward local device
Note:
When both Symmetric PAUSE and Asymmetric PAUSE are set, the
device will only be configured to, at most, one of the two settings
upon auto-negotiation completion.
R/W
00b
9
RESERVED
RO
-
8
100BASE-TX Full Duplex
0 = no TX full duplex ability
1 = TX with full duplex
R/W
Note 4.3
7
100BASE-TX
0 = no TX ability
1 = TX able
R/W
1b
6
10BASE-T Full Duplex
0 = no 10Mbps with full duplex ability
1 = 10Mbps with full duplex
R/W
Note 4.3
5
10BASE-T
0 = no 10Mbps ability
1 = 10Mbps able
R/W
Note 4.3
4:0
Selector Field
00001 = IEEE 802.3
R/W
00001b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com