Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 71 Page - SMSC Corporation

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710AI Datasheet(HTML) 71 Page - SMSC Corporation

Back Button LAN8710AI Datasheet HTML 67Page - SMSC Corporation LAN8710AI Datasheet HTML 68Page - SMSC Corporation LAN8710AI Datasheet HTML 69Page - SMSC Corporation LAN8710AI Datasheet HTML 70Page - SMSC Corporation LAN8710AI Datasheet HTML 71Page - SMSC Corporation LAN8710AI Datasheet HTML 72Page - SMSC Corporation LAN8710AI Datasheet HTML 73Page - SMSC Corporation LAN8710AI Datasheet HTML 74Page - SMSC Corporation LAN8710AI Datasheet HTML 75Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
SMSC LAN8710A/LAN8710Ai
71
Revision 1.4 (08-23-12)
DATASHEET
5.5.2
Power Sequence Timing
This diagram illustrates the device power sequencing requirements. The VDDIO, VDD1A, VDD2A and
magnetics power supplies can turn on in any order provided they all reach operational levels within
the specified time period tpon. Device power supplies can turn off in any order provided they all reach
0 volts within the specified time period poff.
Note: When the internal regulator is disabled, a power-up sequencing relationship exists between
VDDCR and the 3.3V power supply. For additional information refer to Section 3.7.4,
"REGOFF: Internal +1.2V Regulator Configuration," on page 38.
Figure 5.2 Power Sequence Timing
Table 5.6 Power Sequence Timing Values
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tpon
Power supply turn on time
50
mS
tpoff
Power supply turn off time
500
mS
VDDIO
Magnetics
Power
tpon
tpoff
VDD1A,
VDD2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com