Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 37 Page - SMSC Corporation

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710AI Datasheet(HTML) 37 Page - SMSC Corporation

Back Button LAN8710AI Datasheet HTML 33Page - SMSC Corporation LAN8710AI Datasheet HTML 34Page - SMSC Corporation LAN8710AI Datasheet HTML 35Page - SMSC Corporation LAN8710AI Datasheet HTML 36Page - SMSC Corporation LAN8710AI Datasheet HTML 37Page - SMSC Corporation LAN8710AI Datasheet HTML 38Page - SMSC Corporation LAN8710AI Datasheet HTML 39Page - SMSC Corporation LAN8710AI Datasheet HTML 40Page - SMSC Corporation LAN8710AI Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
SMSC LAN8710A/LAN8710Ai
37
Revision 1.4 (08-23-12)
DATASHEET
The MODE[2:0] hardware configuration pins are multiplexed with other signals as shown in Table 3.7.
3.7.3
RMIISEL: MII/RMII Mode Configuration
MII or RMII mode selection is latched on the rising edge of the internal reset (nRST) based on the
strapping of the RMIISEL configuration strap. The default mode is MII (via the internal pull-down
resistor). To select RMII mode, pull the RMIISEL configuration strap high with an external resistor to
VDDIO.
When the nRST pin is deasserted, the MIIMODE bit of the Special Modes Register is loaded according
to the RMIISEL configuration strap. The mode is reflected in the MIIMODE bit of the Special Modes
Register.
Refer to Section 3.4, "MAC Interface," on page 30 for additional information on MII and RMII modes.
Table 3.6 MODE[2:0] Bus
MODE[2:0]
MODE DEFINITIONS
DEFAULT REGISTER BIT VALUES
REGISTER 0
REGISTER 4
[13,12,10,8]
[8,7,6,5]
000
10Base-T Half Duplex. Auto-negotiation disabled.
0000
N/A
001
10Base-T Full Duplex. Auto-negotiation disabled.
0001
N/A
010
100Base-TX Half Duplex. Auto-negotiation
disabled.
CRS is active during Transmit & Receive.
1000
N/A
011
100Base-TX Full Duplex. Auto-negotiation disabled.
CRS is active during Receive.
1001
N/A
100
100Base-TX Half Duplex is advertised. Auto-
negotiation enabled.
CRS is active during Transmit & Receive.
1100
0100
101
Repeater mode. Auto-negotiation enabled.
100Base-TX Half Duplex is advertised.
CRS is active during Receive.
1100
0100
110
Power Down mode. In this mode the transceiver will
wake-up in Power-Down mode. The transceiver
cannot be used when the MODE[2:0] bits are set to
this mode. To exit this mode, the MODE bits in
Register 18.7:5(see Section 4.2.9, "Special Modes
Register," on page 60) must be configured to some
other value and a soft reset must be issued.
N/A
N/A
111
All capable. Auto-negotiation enabled.
X10X
1111
Table 3.7 Pin Names for Mode Bits
MODE BIT
PIN NAME
MODE[0]
RXD0/MODE0
MODE[1]
RXD1/MODE1
MODE[2]
COL/CRS_DV/MODE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com