Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 65 Page - SMSC Corporation

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710AI Datasheet(HTML) 65 Page - SMSC Corporation

Back Button LAN8710AI Datasheet HTML 61Page - SMSC Corporation LAN8710AI Datasheet HTML 62Page - SMSC Corporation LAN8710AI Datasheet HTML 63Page - SMSC Corporation LAN8710AI Datasheet HTML 64Page - SMSC Corporation LAN8710AI Datasheet HTML 65Page - SMSC Corporation LAN8710AI Datasheet HTML 66Page - SMSC Corporation LAN8710AI Datasheet HTML 67Page - SMSC Corporation LAN8710AI Datasheet HTML 68Page - SMSC Corporation LAN8710AI Datasheet HTML 69Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
SMSC LAN8710A/LAN8710Ai
65
Revision 1.4 (08-23-12)
DATASHEET
4.2.14
PHY Special Control/Status Register
Index (In Decimal):
31
Size:
16 bits
BITS
DESCRIPTION
TYPE
DEFAULT
15:13
RESERVED
RO
-
12
Autodone
Auto-negotiation done indication:
0 = Auto-negotiation is not done or disabled (or not active)
1 = Auto-negotiation is done
RO
0b
11:7
RESERVED
R/W
-
6
Enable 4B5B
0 = bypass encoder/decoder
1 = enable 4B5B encoding/decoding. MAC Interface must be configured in
MII mode.
R/W
1b
5
RESERVED
RO
-
4:2
Speed Indication
HCDSPEED value:
001 = 10BASE-T half-duplex
101 = 10BASE-T full-duplex
010 = 100BASE-TX half-duplex
110 = 100BASE-TX full-duplex
RO
XXX
1:0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com