Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710AI Datasheet(PDF) 50 Page - SMSC Corporation

Part # LAN8710AI
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710AI Datasheet(HTML) 50 Page - SMSC Corporation

Back Button LAN8710AI Datasheet HTML 46Page - SMSC Corporation LAN8710AI Datasheet HTML 47Page - SMSC Corporation LAN8710AI Datasheet HTML 48Page - SMSC Corporation LAN8710AI Datasheet HTML 49Page - SMSC Corporation LAN8710AI Datasheet HTML 50Page - SMSC Corporation LAN8710AI Datasheet HTML 51Page - SMSC Corporation LAN8710AI Datasheet HTML 52Page - SMSC Corporation LAN8710AI Datasheet HTML 53Page - SMSC Corporation LAN8710AI Datasheet HTML 54Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
Revision 1.4 (08-23-12)
50
SMSC LAN8710A/LAN8710Ai
DATASHEET
Chapter 4 Register Descriptions
This chapter describes the various control and status registers (CSR’s). All registers follow the IEEE
802.3 (clause 22.2.4) management register set. All functionality and bit definitions comply with these
standards. The IEEE 802.3 specified register index (in decimal) is included with each register definition,
allowing for addressing of these registers via the Serial Management Interface (SMI) protocol.
4.1
Register Nomenclature
Table 4.1 describes the register bit attribute notation used throughout this document.
Many of these register bit notations can be combined. Some examples of this are shown below:
R/W: Can be written. Will return current setting on a read.
R/WAC: Will return current setting on a read. Writing anything clears the bit.
Table 4.1 Register Bit Types
REGISTER BIT TYPE
NOTATION
REGISTER BIT DESCRIPTION
R
Read: A register or bit with this attribute can be read.
W
Read: A register or bit with this attribute can be written.
RO
Read only: Read only. Writes have no effect.
WO
Write only: If a register or bit is write-only, reads will return unspecified data.
WC
Write One to Clear: writing a one clears the value. Writing a zero has no effect
WAC
Write Anything to Clear: writing anything clears the value.
RC
Read to Clear: Contents is cleared after the read. Writes have no effect.
LL
Latch Low: Clear on read of register.
LH
Latch High: Clear on read of register.
SC
Self-Clearing: Contents are self-cleared after the being set. Writes of zero have no
effect. Contents can be read.
SS
Self-Setting: Contents are self-setting after being cleared. Writes of one have no
effect. Contents can be read.
RO/LH
Read Only, Latch High: Bits with this attribute will stay high until the bit is read. After
it is read, the bit will either remain high if the high condition remains, or will go low if
the high condition has been removed. If the bit has not been read, the bit will remain
high regardless of a change to the high condition. This mode is used in some Ethernet
PHY registers.
NASR
Not Affected by Software Reset. The state of NASR bits do not change on assertion
of a software reset.
RESERVED
Reserved Field: Reserved fields must be written with zeros to ensure future
compatibility. The value of reserved bits is not guaranteed on a read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com