Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320-2 Datasheet(PDF) 52 Page - STMicroelectronics

Part # SPEAR320-2
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320-2 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button SPEAR320-2 Datasheet HTML 48Page - STMicroelectronics SPEAR320-2 Datasheet HTML 49Page - STMicroelectronics SPEAR320-2 Datasheet HTML 50Page - STMicroelectronics SPEAR320-2 Datasheet HTML 51Page - STMicroelectronics SPEAR320-2 Datasheet HTML 52Page - STMicroelectronics SPEAR320-2 Datasheet HTML 53Page - STMicroelectronics SPEAR320-2 Datasheet HTML 54Page - STMicroelectronics SPEAR320-2 Datasheet HTML 55Page - STMicroelectronics SPEAR320-2 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
Timing requirements
SPEAr320
52/73
Doc ID 16755 Rev 5
7.3.3
DDR2 command timings
Figure 8.
DDR2 command waveforms
Table 30.
DDR2 write cycle timings
Symbol
Description
Min
Max
Unit
tDQSS
Positive DQS latching edge to associated CK edge
-0.5
0.5
ns
tDS
DQ & DQM output setup time relative to DQS
0
0.25tCK – 0.76
ns
tDH
DQ & DQM output hold time relative to DQS
0
0.25tCK – 0.84
ns
Table 31.
DDR2 command timings
Symbol
Description
Min
Max
Unit
tIS
Address and control output setup time
0
0.5tCK – 0.5
ns
tIH
Address and control output hold time
0
0.5tCK – 0.59
ns
tIS
tIH
CLK
ADDRESS AND
COMMANDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com