Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320-2 Datasheet(PDF) 22 Page - STMicroelectronics

Part # SPEAR320-2
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320-2 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SPEAR320-2 Datasheet HTML 18Page - STMicroelectronics SPEAR320-2 Datasheet HTML 19Page - STMicroelectronics SPEAR320-2 Datasheet HTML 20Page - STMicroelectronics SPEAR320-2 Datasheet HTML 21Page - STMicroelectronics SPEAR320-2 Datasheet HTML 22Page - STMicroelectronics SPEAR320-2 Datasheet HTML 23Page - STMicroelectronics SPEAR320-2 Datasheet HTML 24Page - STMicroelectronics SPEAR320-2 Datasheet HTML 25Page - STMicroelectronics SPEAR320-2 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
Architecture overview
SPEAr320
22/73
Doc ID 16755 Rev 5
Main features:
Compliance with the baseline JPEG standard (ISO/IEC 10918-1)
Single-clock per pixel encoding/decoding
Support for up to four channels of component color
8-bit/channel pixel depths
Programmable quantization tables (up to four)
Programmable Huffman tables (two AC and two DC)
Programmable minimum coded unit (MCU)
Configurable JPEG header processing
Support for restart marker insertion
Use of two DMA channels and of two 8 x 32-bits FIFO's (local to the JPEG) for efficient
transferring and buffering of encoded/decoded data from/to the CODEC core.
3.20
Cryptographic co-processor (C3)
SPEAr320 has an embedded Channel Control Coprocessor (C3). C3 is a high-performance
instruction driven DMA based co-processor. It executes instruction flows generated by the
host processor. After it has been set-up by the host it runs in a completely autonomous way
(DMA data in, data processing, DMA data out), until the completion of all the requested
operations.
C3 has been used to accelerate the processing of cryptographic, security and network
security applications. It can be used for other types of data intensive applications as well.
Main features:
Supported cryptographic algorithms:
Advanced encryption standard (AES) cipher in ECB, CBC, CTR modes.
Data encryption standard (DES) cipher in ECB and CBC modes.
SHA-1, HMAC-SHA-1, MD5, HMAC-MD5 digests.
Instruction driven DMA based programmable engine.
AHB master port for data access from/to system memory.
AHB slave port for co-processor register accesses and initial engine-setup.
The co-processor is fully autonomous (DMA input reading, cryptographic operation
execution, DMA output writing) after being set up by the host processor.
The co-processor executes programs written by the host in memory, it can execute an
unlimited list of programs.
The co-processor supports hardware chaining of cryptographic blocks for optimized
execution of data-flow requiring multiple algorithms processing over the same set of
data (for example encryption + hashing on the fly).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com