Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320-2 Datasheet(PDF) 29 Page - STMicroelectronics

Part # SPEAR320-2
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320-2 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SPEAR320-2 Datasheet HTML 25Page - STMicroelectronics SPEAR320-2 Datasheet HTML 26Page - STMicroelectronics SPEAR320-2 Datasheet HTML 27Page - STMicroelectronics SPEAR320-2 Datasheet HTML 28Page - STMicroelectronics SPEAR320-2 Datasheet HTML 29Page - STMicroelectronics SPEAR320-2 Datasheet HTML 30Page - STMicroelectronics SPEAR320-2 Datasheet HTML 31Page - STMicroelectronics SPEAR320-2 Datasheet HTML 32Page - STMicroelectronics SPEAR320-2 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
SPEAr320
Pin description
Doc ID 16755 Rev 5
29/73
USB
Host
USB_HOST1_DP
H1
I/O
USB HOST1 D+
Bidirectional
analog buffer 5 V
tolerant
USB_HOST1_DM
H2
USB HOST1 D-
USB_HOST1_VBUS
H3
Out
USBHOST1
VBUS
TTL output buffer
3.3 V capable,
4 mA
USB_HOST1_OVERCUR
J4
In
USB Host1
Over-Current
TTL input buffer
3.3 V tolerant, PD
USB_HOST0_DP
K1
I/O
USB HOST0 D+
Bidirectional
analog buffer 5 V
tolerant
USB_HOST0_DM
K2
USB HOST0 D-
USB_HOST0_VBUS
J3
Out
USB HOST0
VBUS
TTL output buffer
3.3 V capable,
4 mA
USB_HOST0_OVERCUR
H4
In
USB Host0
Over-current
TTL Input Buffer
3.3 V tolerant, PD
USB
USB_TXRTUNE
K5
Out
Reference
resistor
Analog
USB_ANALOG_TEST
L4
Out
Analog Test
Output
Analog
Table 8.
ADC pin description
Signal name
Ball
Direction
Function
Pin type
AIN_0
N16
In
ADC analog input
channel
Analog buffer 2.5 V
tolerant
AIN_1
N15
AIN_2
P17
AIN_3
P16
AIN_4
P15
AIN_5
R17
AIN_6
R16
AIN_7
R15
ADC_VREFN
N14
ADC negative voltage
reference
ADC_VREFP
P14
ADC positive voltage
reference
Table 7.
USB pin description (continued)
Group
Signal name
Ball
Direction
Function
Pin type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com