Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320-2 Datasheet(PDF) 24 Page - STMicroelectronics

Part # SPEAR320-2
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320-2 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SPEAR320-2 Datasheet HTML 20Page - STMicroelectronics SPEAR320-2 Datasheet HTML 21Page - STMicroelectronics SPEAR320-2 Datasheet HTML 22Page - STMicroelectronics SPEAR320-2 Datasheet HTML 23Page - STMicroelectronics SPEAR320-2 Datasheet HTML 24Page - STMicroelectronics SPEAR320-2 Datasheet HTML 25Page - STMicroelectronics SPEAR320-2 Datasheet HTML 26Page - STMicroelectronics SPEAR320-2 Datasheet HTML 27Page - STMicroelectronics SPEAR320-2 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 73 page
background image
Architecture overview
SPEAr320
24/73
Doc ID 16755 Rev 5
3.22.2
Clock and reset system
The clock system is a fully programmable block that generates all the clocks necessary to
the chip.
The default operating clock frequencies are:
Clock @ 333 MHz for the CPU.
Clock @ 166 MHz for AHB bus and AHB peripherals.
Clock @ 83 MHz for, APB bus and APB peripherals.
Clock @ 333 MHz for DDR memory interface.
The default values give the maximum allowed clock frequencies. The clock frequencies are
fully programmable through dedicated registers.
The clock system consists of 2 main parts: a multi clock generator block and two internal
PLLs.
The multi clock generator block, takes a reference signal (which is usually delivered by the
PLL), generates all clocks for the IPs of SPEAr320 according to dedicated programmable
registers.
Each PLL uses an oscillator input of 24 MHz to generate a clock signal at a frequency
corresponding at the highest of the group. This is the reference signal used by the multi
clock generator block to obtain all the other requested clocks for the group. Its main feature
is electromagnetic interference reduction capability.
The user can set up the PLL in order to modulate the VCO with a triangular wave. The
resulting signal has a spectrum (and power) spread over a small programmable range of
frequencies centered on F0 (the VCO frequency), obtaining minimum electromagnetic
emissions. This method replaces all the other traditional methods of EMI reduction, such as
filtering, ferrite beads, chokes, adding power layers and ground planes to PCBs, metal
shielding and so on. This gives the customer appreciable cost savings.
In sleep mode the SPEAr320 runs with the PLL disabled so the available frequency is 24
MHz or a sub-multiple (/2, /4, /8).
3.23
Vectored interrupt controller (VIC)
The VIC allows the OS interrupt handler to quickly dispatch interrupt service routines in
response to peripheral interrupts. There are 32 interrupt lines and the VIC uses a separate
bit position for each interrupt source. Software controls each request line to generate
software interrupts.
3.24
General purpose timers
SPEAr320 provides 6 general purpose timers (GPTs) acting as APB slaves.
Each GPT consists of 2 channels, each one made up of a programmable 16-bit counter and
a dedicated 8-bit timer clock prescaler. The programmable 8-bit prescaler performs a clock
division by 1 up to 256, and different input frequencies can be chosen through configuration
registers (a frequency range from 3.96 Hz to 48 MHz can be synthesized).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com