Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320-2 Datasheet(PDF) 72 Page - STMicroelectronics

Part # SPEAR320-2
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320-2 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button SPEAR320-2 Datasheet HTML 65Page - STMicroelectronics SPEAR320-2 Datasheet HTML 66Page - STMicroelectronics SPEAR320-2 Datasheet HTML 67Page - STMicroelectronics SPEAR320-2 Datasheet HTML 68Page - STMicroelectronics SPEAR320-2 Datasheet HTML 69Page - STMicroelectronics SPEAR320-2 Datasheet HTML 70Page - STMicroelectronics SPEAR320-2 Datasheet HTML 71Page - STMicroelectronics SPEAR320-2 Datasheet HTML 72Page - STMicroelectronics SPEAR320-2 Datasheet HTML 73Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 72 / 73 page
background image
Revision history
SPEAr320
72/73
Doc ID 16755 Rev 5
05-Jul-2011
5
Removed PU from description of MRESET in Table 3: Master clock,
RTC, Reset and 3.3 V comparator pin descriptions
Updated figures and tables in:
– Section 6.7: Power up sequence
– Section 7.3: DDR2 timing characteristics
– Section 7.4: CLCD timing characteristics
– Section 7.5: I2C timing characteristics
– Section 7.6: FSMC timing characteristics
– Section 7.9: MII Ethernet MAC 10/100 Mbps timing characteristics
– Section 7.10: SMII Ethernet MAC timing characteristics
– Section 7.11: SMI - Serial memory interface timing characteristics
Added Section 7.7: EMI timing characteristics.
Added Section 7.8: SDIO timing characteristics.
Updated Table 52: 10-bit ADC characteristics.
Updated Table 54: Thermal resistance characteristics.
Added the Tck max value for CLCP clock period in Table 32: CLCD
timings.
Updated Figure 19: MII TX waveforms.
Replaced “43.2 k
Ω” by “43.2 Ω” in Section 4.1: Required external
components (USB_TX_RTUNE bullet).
Table 45: Timing requirements for SSP (all modes): replaced column
“Value” by columns “Min” and “Max”.
Replaced “clock phase = 1” by “clock phase = 0” at the figure caption
of Figure 25.
Section 4.1: Required external components: added new bullet
“DITH_VDD_2V5: Add a ferrite bead to ball M4”.
Added a footnote for VDD 2.5 at Table 18: Recommended operating
conditions.
Updated the footnote at Table 21: Low voltage TTL DC output
specification (3 V< VDD <3.6 V).
Added a note at the beginning of Chapter 7: Timing requirements
Added Section 7.1: External interrupt timing characteristics and
Section 7.2: Reset timing characteristics.
Replaced “Embedded/custom selector” by “RAS select register” in
Figure 3: Hierarchical multiplexing scheme and Table 11: PL_GPIO
multiplexing scheme.
Replaced “Embedded IPs” by “Alternate functions” in Figure 3:
Hierarchical multiplexing scheme.
Replaced the FSMC pins naming in Section 7.6: FSMC timing
characteristics, as follows:
– NFIO by FSMC_Dx (where x=0 to 15)
– NF_CE by FSMC_CSx (where x= 0 to 3)
– NF_ALE by FSMC_ADDR_LE
–NF_WE by FSMC_WE
– NF_RE by FSMC_RE
– NF_CLE by FSMC_CMD_LE
Table 55.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com