Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320-2 Datasheet(PDF) 55 Page - STMicroelectronics

Part # SPEAR320-2
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320-2 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button SPEAR320-2 Datasheet HTML 51Page - STMicroelectronics SPEAR320-2 Datasheet HTML 52Page - STMicroelectronics SPEAR320-2 Datasheet HTML 53Page - STMicroelectronics SPEAR320-2 Datasheet HTML 54Page - STMicroelectronics SPEAR320-2 Datasheet HTML 55Page - STMicroelectronics SPEAR320-2 Datasheet HTML 56Page - STMicroelectronics SPEAR320-2 Datasheet HTML 57Page - STMicroelectronics SPEAR320-2 Datasheet HTML 58Page - STMicroelectronics SPEAR320-2 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 73 page
background image
SPEAr320
Timing requirements
Doc ID 16755 Rev 5
55/73
Note:
The timings shown in Figure 10 depend on the programmed value of tSCLHigh and tSCLLow,
so the values present in the three tables here above have been calculated using the
minimum programmable values of :
IC_HS_SCL_HCNT=19 and IC_HS_SCL_LCNT=53 registers (for High-Speed mode);
IC_FS_SCL_HCNT=99 and IC_FS_SCL_LCNT=215 registers (for Fast-Speed mode);
IC_SS_SCL_HCNT=664 and IC_SS_SCL_LCNT=780 registers (for Standard-Speed
mode).
These minimum values depend on the AHB clock frequency, which is 166 MHz.
7.6
FSMC timing characteristics
The characterization timing is done using primetime considering an output load of 3 pF on
the data, 15 pF on FSMC_CSx, FSMC_RE and FSMC_WE and 10 pF on FSMC_ADDR_LE
and FSMC_CMD_LE.
7.6.1
NAND Flash configuration
Figure 11.
Output command signal waveforms for NAND Flash
Table 35.
Timing characteristics for I2C in standard speed mode
Parameter
Min
Unit
tSU-STA
4723.6
ns
tHD-STA
3991.9
tSU-DAT
4676.1
tHD-DAT
0.8
tSU-STO
4027.7
tHD-STO
4742.2
FSMC_CSx
FSMC_WE
FSMC_Dx
Command
tCLE
tWE
tIO
FSMC_CMD_LE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com