Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320-2 Datasheet(PDF) 40 Page - STMicroelectronics

Part # SPEAR320-2
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320-2 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button SPEAR320-2 Datasheet HTML 36Page - STMicroelectronics SPEAR320-2 Datasheet HTML 37Page - STMicroelectronics SPEAR320-2 Datasheet HTML 38Page - STMicroelectronics SPEAR320-2 Datasheet HTML 39Page - STMicroelectronics SPEAR320-2 Datasheet HTML 40Page - STMicroelectronics SPEAR320-2 Datasheet HTML 41Page - STMicroelectronics SPEAR320-2 Datasheet HTML 42Page - STMicroelectronics SPEAR320-2 Datasheet HTML 43Page - STMicroelectronics SPEAR320-2 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 73 page
background image
Pin description
SPEAr320
40/73
Doc ID 16755 Rev 5
4.4
PL_GPIO pin sharing for debug modes
In some cases the PL_GPIO pins may be used in different ways for debugging purposes.
There are three different cases (see also Table 13):
1.
Case 1 - All the PL_GPIO get values from Boundary scan registers during Ex-test
instruction of JTAG . Typically this configuration is used to verify correctness of the
soldering process during the production flow .
2.
Case 2 - All the PL_GPIO maintain their original meaning but the JTAG Interface is
connected to the processor. This configuration is useful during the development phase
but offers only "static" debug.
3.
Case 3 - Some PL_GPIO, as shown inTable 13: Ball sharing during debug, are used to
connect the ETM9 lines to an external box. This configuration is typically used only
during the development phase. It offers a very powerful debug capability. When the
processor reaches a breakpoint it is possible, by analyzing the trace buffer, to
understand the reason why the processor has reached the break.
Table 13.
Ball sharing during debug
Signals
Case 1 - no debug
Case 2 - static debug
Case 3 - full debug
Test[0]
0
1
0
Test[1]
0
0
1
Test[2]
0
0/1
0/1
Test[3]
0
0/1
0/1
Test[4]
1
0/1
0/1
nTRST
nTRST_bscan
nTRST_ARM
nTRST_ARM
TCK
TCK_bscan
TCK_ARM
TCK_ARM
TMS
TSM_bscan
TMS_ARM
TSM_ARM
TDI
TDI_bscan
TDI_ARM
TDI_ARM
TDO
TDO_bscan
TDO_ARM
TDO_ARM
PL_GPIO[97]
BSR Value
Original meaning
ARM_TRACE_CLK
PL_GPIO[96]
BSR Value
Original meaning
ARM_TRACE_PKTA[0]
PL_GPIO[95]
BSR Value
Original meaning
ARM_TRACE_PKTA[1]
PL_GPIO[94]
BSR Value
Original meaning
ARM_TRACE_PKTA[2]
PL_GPIO[93]
BSR Value
Original meaning
ARM_TRACE_PKTA[3]
PL_GPIO[92]
BSR Value
Original meaning
ARM_TRACE_PKTB[0]
PL_GPIO[91]
BSR Value
Original meaning
ARM_TRACE_PKTB[1]
PL_GPIO[90]
BSR Value
Original meaning
ARM_TRACE_PKTB[2]
PL_GPIO[89]
BSR Value
Original meaning
ARM_TRACE_PKTB[3]
PL_GPIO[88]
BSR Value
Original meaning
ARM_TRACE_SYNCA
PL_GPIO[87]
BSR Value
Original meaning
ARM_TRACE_SYNCB
PL_GPIO[86]
BSR Value
Original meaning
ARM_PIPESTATA[0]
PL_GPIO[85]
BSR Value
Original meaning
ARM_PIPESTATA[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com