Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320-2 Datasheet(PDF) 68 Page - STMicroelectronics

Part # SPEAR320-2
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320-2 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button SPEAR320-2 Datasheet HTML 64Page - STMicroelectronics SPEAR320-2 Datasheet HTML 65Page - STMicroelectronics SPEAR320-2 Datasheet HTML 66Page - STMicroelectronics SPEAR320-2 Datasheet HTML 67Page - STMicroelectronics SPEAR320-2 Datasheet HTML 68Page - STMicroelectronics SPEAR320-2 Datasheet HTML 69Page - STMicroelectronics SPEAR320-2 Datasheet HTML 70Page - STMicroelectronics SPEAR320-2 Datasheet HTML 71Page - STMicroelectronics SPEAR320-2 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 73 page
background image
Package information
SPEAr320
68/73
Doc ID 16755 Rev 5
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 53.
LFBGA289 (15 x 15 x 1.7 mm) mechanical data
Dim.
mm
inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.700
0.0669
A1
0.270
0.0106
A2
0.985
0.0387
A3
0.200
0.0078
A4
0.800
0.0315
b
0.450
0.500
0.550
0.0177
0.0197
0.0217
D
14.850
15.000
15.150
0.5846
0.5906
0.5965
D1
12.800
0.5039
E
14.850
15.000
15.150
0.5846
0.5906
0.5965
E1
12.800
0.5039
e
0.800
0.0315
F
1.100
0.0433
ddd
0.200
0.0078
eee
0.150
0.0059
fff
0.080
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com