Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320-2 Datasheet(PDF) 12 Page - STMicroelectronics

Part # SPEAR320-2
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320-2 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SPEAR320-2 Datasheet HTML 8Page - STMicroelectronics SPEAR320-2 Datasheet HTML 9Page - STMicroelectronics SPEAR320-2 Datasheet HTML 10Page - STMicroelectronics SPEAR320-2 Datasheet HTML 11Page - STMicroelectronics SPEAR320-2 Datasheet HTML 12Page - STMicroelectronics SPEAR320-2 Datasheet HTML 13Page - STMicroelectronics SPEAR320-2 Datasheet HTML 14Page - STMicroelectronics SPEAR320-2 Datasheet HTML 15Page - STMicroelectronics SPEAR320-2 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
Architecture overview
SPEAr320
12/73
Doc ID 16755 Rev 5
The ARM CPU and is clocked at a frequency up to 333 MHz. It has a 16-Kbyte instruction
cache, a 16-Kbyte data cache, and features a memory management unit (MMU) which
makes it fully compliant with Linux and VxWorks operating systems.
It also includes an embedded trace module (ETM Medium+) for real-time CPU activity
tracing and debugging. It supports 4-bit and 8-bit normal trace mode and 4-bit demultiplexed
trace mode, with normal or half-rate clock.
3.2
Embedded memory units
32 Kbytes of BootROM
8 Kbytes of SRAM
3.2.1
BootROM
BootROM is small firmware program that is executed just after the SPEAr320 exits from
reset.
It supports the following boot modes:
Boot from NOR serial Flash
Boot from NAND Flash
Boot from NOR parallel Flash
Boot / Upgrade from USB
The first three modes support different ways of booting the application software, they require
a second-level boot software (Xloader) to be located in Flash.
USB boot mode can be used for software maintenance or upgrade, if booting from any of
the Flash memories is not possible.
The BootROM selects the boot mode from the boot pin settings (see Section 4.3.4: Boot
pins). A setting is available to allow the BootROM to be bypassed.
3.3
Mobile DDR/DDR2 memory controller
SPEAr320 integrates a high performance multi-channel memory controller able to support
low power Mobile DDR and DDR2 double data rate memory devices. The multi-port
architecture ensures memory is shared efficiently among different high-bandwidth client
modules.
It has 6 internal ports. One of them is reserved for register access during the controller
initialization while the other five are used to access the external memory.
It also includes the physical layer (PHY) and DLLs for fine tuning the timing parameters to
maximize the data valid windows at different frequencies.
3.4
Serial memory interface
SPEAr320 provides a serial memory interface (SMI), acting as an AHB slave interface (32-
, 16- or 8-bit) to SPI-compatible off-chip memories.
These serial memories can be used either as data storage or for code execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com