Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320-2 Datasheet(PDF) 70 Page - STMicroelectronics

Part # SPEAR320-2
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320-2 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button SPEAR320-2 Datasheet HTML 65Page - STMicroelectronics SPEAR320-2 Datasheet HTML 66Page - STMicroelectronics SPEAR320-2 Datasheet HTML 67Page - STMicroelectronics SPEAR320-2 Datasheet HTML 68Page - STMicroelectronics SPEAR320-2 Datasheet HTML 69Page - STMicroelectronics SPEAR320-2 Datasheet HTML 70Page - STMicroelectronics SPEAR320-2 Datasheet HTML 71Page - STMicroelectronics SPEAR320-2 Datasheet HTML 72Page - STMicroelectronics SPEAR320-2 Datasheet HTML 73Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 70 / 73 page
background image
Revision history
SPEAr320
70/73
Doc ID 16755 Rev 5
9
Revision history
Table 55.
Document revision history
Date
Revision
Changes
12-Nov-2009
1
Initial release.
2-Feb-2010
2
Removed I2S feature.
Changed “SPI” to “SSP” where applicable.
Updated Figure 1: Functional block diagram and Figure 2: Typical
system architecture using SPEAr320.
Corrected Figure 3: Typical SMII system.
Updated the Features on the first page.
Updated Section 3.14: GPIOs.
Added Table 10: PL_GPIO pin description.
Reviewed and updated the Section 4.3: Shared I/O pins
(PL_GPIOs).
Added Section 4.4: PL_GPIO pin sharing for debug modes.
Updated Section 6.1: Absolute maximum ratings.
Deleted the first footnote at the end of the Table 17: Maximum power
consumption and modified the text in footnote 3. on page 46
Updated Table 18: Recommended operating conditions.
Added VDD RTC line in the Table 16: Absolute maximum ratings and
Table 17: Maximum power consumption.
Updated Table 24: Driver characteristics.
Deleted “GMII” form Section 7.9: MII Ethernet MAC 10/100 Mbps
timing characteristics and also “1000 Mbps”.
Added Section 3.6: SDIO controller/MMC card interface.
Updated Section 7.12: SSP timing characteristics.
Updated Section 6.7: Power up sequence and added Section 6.8:
Removing power supplies for power saving.
Separated Electrical characteristics and Timing requirements into
two chapters.
Changed the title of Section 6.5: 3.3V I/O characteristics.
Added Table 54: Thermal resistance characteristics.
Changed all the UART numbering (from 1..3 to 0..2).
UART baud rate changed in Section 2: Main features and
Section 4.3.2: Configuration modes from > 6 Mbps into up to 6 Mbps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com