Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320-2 Datasheet(PDF) 18 Page - STMicroelectronics

Part # SPEAR320-2
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320-2 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SPEAR320-2 Datasheet HTML 14Page - STMicroelectronics SPEAR320-2 Datasheet HTML 15Page - STMicroelectronics SPEAR320-2 Datasheet HTML 16Page - STMicroelectronics SPEAR320-2 Datasheet HTML 17Page - STMicroelectronics SPEAR320-2 Datasheet HTML 18Page - STMicroelectronics SPEAR320-2 Datasheet HTML 19Page - STMicroelectronics SPEAR320-2 Datasheet HTML 20Page - STMicroelectronics SPEAR320-2 Datasheet HTML 21Page - STMicroelectronics SPEAR320-2 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
Architecture overview
SPEAr320
18/73
Doc ID 16755 Rev 5
3.10
CAN controller
SPEAr320 has two CAN controllers for interfacing CAN 2.0 networks.
Main features:
●
Supports CAN protocol version 2.0 part A and B
●
Bit rates up to 1 MBit/s
●
16 message objects(136 X 16 message RAM)
●
Each message object has its own identifier mask
●
Maskable interrupt
●
Programmable loop-back mode for self-test operation
●
Disabled automatic retransmission mode for time triggered CAN applications
3.11
USB2 Host controller
SPEAr320 has two fully independent USB 2.0 Hosts. Each consists of 5 major blocks:
●
EHCI capable of managing high-speed transfers (HS mode, 480 Mbps)
●
OHCI that manages the full and the low speed transfers (12 and 1.5 Mbps)
●
Local 2-Kbyte FIFO
●
Local DMA
●
Integrated USB2 transceiver (PHY)
Both Hosts can manage an external power switch, providing a control line to enable or
disable the power, and an input line to sense any over-current condition detected by the
external switch.
One Host controller at time can perform high speed transfer.
3.12
USB2 Device controller
Main features:
●
Supports the 480 Mbps high-speed mode (HS) for USB 2.0, as well as the 12 Mbps
full-speed (FS) and the low-speed (LS modes) for USB 1.1
●
Supports 16 physical endpoints, configurable as different logical endpoints
●
Integrated USB transceiver (PHY)
●
Local 4 Kbyte FIFO shared among all the endpoints
●
DMA mode and slave-only mode are supported
●
In DMA mode, the UDC supports descriptor-based memory structures in application
memory
●
In both modes, an AHB slave is provided by UDC-AHB, acting as programming
interface to access to memory-mapped control and status registers (CSRs)
●
An AHB master for data transfer to system memory is provided, supporting 8, 16, and
32-bit wide data transactions on the AHB bus
●
A USB plug (UPD) detects the connection of a cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com