Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320-2 Datasheet(PDF) 61 Page - STMicroelectronics

Part # SPEAR320-2
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320-2 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button SPEAR320-2 Datasheet HTML 57Page - STMicroelectronics SPEAR320-2 Datasheet HTML 58Page - STMicroelectronics SPEAR320-2 Datasheet HTML 59Page - STMicroelectronics SPEAR320-2 Datasheet HTML 60Page - STMicroelectronics SPEAR320-2 Datasheet HTML 61Page - STMicroelectronics SPEAR320-2 Datasheet HTML 62Page - STMicroelectronics SPEAR320-2 Datasheet HTML 63Page - STMicroelectronics SPEAR320-2 Datasheet HTML 64Page - STMicroelectronics SPEAR320-2 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 73 page
background image
SPEAr320
Timing requirements
Doc ID 16755 Rev 5
61/73
7.9.3
MDIO timing specifications
Figure 21.
MDC waveforms
Note:
When MDIO is used as output the data are launched on the falling edge of the clock as
shown in Figure 21.
7.10
SMII Ethernet MAC timing characteristics
Figure 22.
SMII input/output timing waveform
Table 42.
MDC timings
Symbol
Description
Min
Max
Unit
tCK
MDC clock
614.4
614.4
ns
tD
Falling edge of MDC to MDIO output delay
204
0.64
tS
Setup time requirement for MDIO input
9.6
tH
Hold time requirement for MDIO input
-6.6
TD
MDC
tCK
tH
tS
MDIO(INPUT)
MDIO (OUTPUT)
SMII_TX
tD
SMII_CLKIN
tCK
Th
SMII_RX
tS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com