Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320-2 Datasheet(PDF) 27 Page - STMicroelectronics

Part # SPEAR320-2
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320-2 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button SPEAR320-2 Datasheet HTML 23Page - STMicroelectronics SPEAR320-2 Datasheet HTML 24Page - STMicroelectronics SPEAR320-2 Datasheet HTML 25Page - STMicroelectronics SPEAR320-2 Datasheet HTML 26Page - STMicroelectronics SPEAR320-2 Datasheet HTML 27Page - STMicroelectronics SPEAR320-2 Datasheet HTML 28Page - STMicroelectronics SPEAR320-2 Datasheet HTML 29Page - STMicroelectronics SPEAR320-2 Datasheet HTML 30Page - STMicroelectronics SPEAR320-2 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
SPEAr320
Pin description
Doc ID 16755 Rev 5
27/73
Note:
All the VDD 2V5 power supplies are analog VDD.
ANALOG
GROUND
RTC_GND
F2
0 V
DITH_PLL_VSS_ANA
G1
USB_HOST1_VSSA
J2
USB_HOST0_VSSA
L1
USB_COMMON_VSSAC
L3
USB_DEVICE_VSSA
N2
DITH_VSS2V5
N4
MCLK_GND
P3
MCLK_GNDSUB
R3
ADC_AGND
N12
I/O
DIGITAL_VDDE3V3
F5 F6 F7 F10 F11 F12 G5
J12 K12 L12 M12
3.3 V
CORE
VDD
F8 F9 G12 H5 H12 J5 L11
M6 M7 M11
1.2 V
USB
HOST0 PHY
USB_HOST0_VDD2V5
L2
2.5 V
USB_HOST0_VDD3V3
K4
3.3 V
USB
HOST1 PHY
USB_HOST1_VDD2V5
K3
2.5 V
USB_HOST1_VDD3V3
J1
3.3 V
USB
DEVICE
PHY
USB_DEVICE_VDD2V5
N1
2.5 V
USB_DEVICE_VDD3V3
N3
3.3 V
USB_HOST1_HOST0_DEVICE_DVDD1V2
M3
1.2 V
OSCI
(master
clock)
MCLK_VDD
R1
1.2 V
MCLK_VDD2V5
R2
2.5 V
PLL1
DITH_PLL_VDD_ANA
G2
2.5 V
PLL2
DITH_VDD_2V5
M4
2.5 V
DDR I/O
DDR_VDDE1V8
M5 N5 N6 N7 N8 N9 N10
N11
1.8 V
ADC
ADC_AVDD
N13
2.5 V
OSCI RTC
RTC_VDD1V5
F1
1.5 V
Table 4.
Power supply pin description (continued)
Group
Signal name
Ball
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com