Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320-2 Datasheet(PDF) 54 Page - STMicroelectronics

Part # SPEAR320-2
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320-2 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button SPEAR320-2 Datasheet HTML 50Page - STMicroelectronics SPEAR320-2 Datasheet HTML 51Page - STMicroelectronics SPEAR320-2 Datasheet HTML 52Page - STMicroelectronics SPEAR320-2 Datasheet HTML 53Page - STMicroelectronics SPEAR320-2 Datasheet HTML 54Page - STMicroelectronics SPEAR320-2 Datasheet HTML 55Page - STMicroelectronics SPEAR320-2 Datasheet HTML 56Page - STMicroelectronics SPEAR320-2 Datasheet HTML 57Page - STMicroelectronics SPEAR320-2 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 73 page
background image
Timing requirements
SPEAr320
54/73
Doc ID 16755 Rev 5
7.5
I2C timing characteristics
The characterization timing is done using primetime considering an output load of 10 pF on
SCL and SDA.
Figure 10.
Output signal waveforms for I2C signals
The timings of the high and low level of SCL (tSCLHigh and tSCLLow) are programmable.
Table 33.
Timing characteristics for I2C in high-speed mode
Parameter
Min
Unit
tSU-STA
157.6
ns
tHD-STA
325.9
tSU-DAT
314.0
tHD-DAT
0.8
tSU-STO
637.7
tHD-STO
4742.2
Table 34.
Timing characteristics for I2C in fast speed mode
Parameter
Min
Unit
tSU-STA
637.6
ns
tHD-STA
602.2
tSU-DAT
1286.1
tHD-DAT
0.8
tSU-STO
637.7
tHD-STO
4742.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com