Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320-2 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPEAR320-2
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320-2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPEAR320-2 Datasheet HTML 6Page - STMicroelectronics SPEAR320-2 Datasheet HTML 7Page - STMicroelectronics SPEAR320-2 Datasheet HTML 8Page - STMicroelectronics SPEAR320-2 Datasheet HTML 9Page - STMicroelectronics SPEAR320-2 Datasheet HTML 10Page - STMicroelectronics SPEAR320-2 Datasheet HTML 11Page - STMicroelectronics SPEAR320-2 Datasheet HTML 12Page - STMicroelectronics SPEAR320-2 Datasheet HTML 13Page - STMicroelectronics SPEAR320-2 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
Main features
SPEAr320
10/73
Doc ID 16755 Rev 5
●
Advanced power saving features
–
Normal, Slow, Doze and Sleep modes CPU clock with software-programmable
frequency
–
Enhanced dynamic power-domain management
–
Clock gating functionality
–Low frequency operating mode
–
Automatic power saving controlled from application activity demands
●
Vectored interrupt controller
●
System and peripheral controller
–
3 pairs of 16-bit general purpose timers with programmable prescaler
–
RTC with separate power supply allowing battery connection
–
Watchdog timer
–
Miscellaneous registers array for embedded MPU configuration
●
Programmable PLL for CPU and system clocks
●
JTAG IEEE 1149.1 boundary scan
●
ETM functionality multiplexed on primary pins
●
Supply voltages
–
1.2 V core, 1.8 V/2.5 V DDR, 2.5 V PLLs, 1.5 V RTC and 3.3 V I/Os
●
Operating temperature: - 40 to 85 °C
●
LFBGA289 (15 x 15 mm, pitch 0.8 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com