Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320-2 Datasheet(PDF) 62 Page - STMicroelectronics

Part # SPEAR320-2
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320-2 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button SPEAR320-2 Datasheet HTML 58Page - STMicroelectronics SPEAR320-2 Datasheet HTML 59Page - STMicroelectronics SPEAR320-2 Datasheet HTML 60Page - STMicroelectronics SPEAR320-2 Datasheet HTML 61Page - STMicroelectronics SPEAR320-2 Datasheet HTML 62Page - STMicroelectronics SPEAR320-2 Datasheet HTML 63Page - STMicroelectronics SPEAR320-2 Datasheet HTML 64Page - STMicroelectronics SPEAR320-2 Datasheet HTML 65Page - STMicroelectronics SPEAR320-2 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 73 page
background image
Timing requirements
SPEAr320
62/73
Doc ID 16755 Rev 5
Caution:
Data in Table 43 subject to SMII functional issue described in the SPEAr320 errata sheet.
7.11
SMI - Serial memory interface timing characteristics
Figure 23.
SMI I/O waveforms
Table 43.
SMII timings
Symbol
Description
Min
Max
Unit
tCK
SMII clock
8
8
ns
tS
Setup time requirement for SMII_RX
-0.90
tH
Hold time requirement for receive
SMII_RX
2.904
tD
SMII_CLKIN to SMII_TX output
delay
4.12
14.17
Table 44.
SMI timings
Symbol
Description
Min
Max
Unit
tCK
SMI clock period
20
50
ns
tD
SMI_CLK to SMI_DATAOUT output delay
-2.96
3.05
tS
Setup requirement for SMI_DATAIN
9.69
tH
Hold requirement for SMI_DATAIN
-2.53
tCSf
Min and max delay of falling edge of SMI_CS_0 , 1 w.r.t
SMI_CLK
-3.0
2.9
tCSr
Min and max delay of rising edge of SMI_CS_0 , 1 w.r.t
SMI_CLK
-2.8
2.8
SMI_CLK
SMI_DATAIN
tS
tH
tCK
tD
tCSf
tCSr
SMI_DATAOUT
SMI_CS_0,1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com