Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320-2 Datasheet(PDF) 60 Page - STMicroelectronics

Part # SPEAR320-2
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320-2 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button SPEAR320-2 Datasheet HTML 56Page - STMicroelectronics SPEAR320-2 Datasheet HTML 57Page - STMicroelectronics SPEAR320-2 Datasheet HTML 58Page - STMicroelectronics SPEAR320-2 Datasheet HTML 59Page - STMicroelectronics SPEAR320-2 Datasheet HTML 60Page - STMicroelectronics SPEAR320-2 Datasheet HTML 61Page - STMicroelectronics SPEAR320-2 Datasheet HTML 62Page - STMicroelectronics SPEAR320-2 Datasheet HTML 63Page - STMicroelectronics SPEAR320-2 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 73 page
background image
Timing requirements
SPEAr320
60/73
Doc ID 16755 Rev 5
7.9
MII Ethernet MAC 10/100 Mbps timing characteristics
The characterization timing is given for an output load of 5 pF on the MII TX clock and 10 pF
on the other pads.
7.9.1
MII transmit timing specifications
Figure 19.
MII TX waveforms
Note:
To calculate the tSETUP value for the PHY you have to consider the next tCLK rising edge, so
you have to apply the following formula: tSETUP = tCLK - tmax
7.9.2
MII receive timing specifications
Figure 20.
MII RX waveforms
Table 40.
MII TX timings
Symbol
Description
Min
Max
Unit
tCK
MII_TXCLK clock period
40
40
ns
tD
MII_TXCLK to MII output data delay
-1
8.9
tD
MII_TXCLK
MII_TXD0-MII_TXD3,
MII_TXEN, MII_TXER
tck
Table 41.
MII RX timings
Symbol
Description
Min
Max
Unit
tCK
MII_TXCLK clock period
40
40
ns
tS
Setup time requirement for MII receive data
1.6
tH
Hold time requirement for MII receive data
0.7
MII_RXCLK
MII_RXD0-MII_RXD3
MII_RXER, MII_RXDV
tS
tH
tCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com