Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320-2 Datasheet(PDF) 25 Page - STMicroelectronics

Part # SPEAR320-2
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320-2 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SPEAR320-2 Datasheet HTML 21Page - STMicroelectronics SPEAR320-2 Datasheet HTML 22Page - STMicroelectronics SPEAR320-2 Datasheet HTML 23Page - STMicroelectronics SPEAR320-2 Datasheet HTML 24Page - STMicroelectronics SPEAR320-2 Datasheet HTML 25Page - STMicroelectronics SPEAR320-2 Datasheet HTML 26Page - STMicroelectronics SPEAR320-2 Datasheet HTML 27Page - STMicroelectronics SPEAR320-2 Datasheet HTML 28Page - STMicroelectronics SPEAR320-2 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
SPEAr320
Architecture overview
Doc ID 16755 Rev 5
25/73
Two different modes of operation are available :
●
Auto-reload mode, an interrupt source is activated, the counter is automatically cleared
and then it restarts incrementing.
●
Single-shot mode, an interrupt source is activated, the counter is stopped and the GPT
is disabled.
3.25
PWM timers
SPEAr320 provides 4 PWM timers.
Main features:
●
Prescaler to define the input clock frequency to each timer
●
Programmable duty cycle from 0% to 100%
●
Programmable pulse length
●
APB slave interface for register programming
3.26
Watchdog timer
The ARM watchdog module consists of a 32-bit down counter with a programmable timeout
interval that has the capability to generate an interrupt and a reset signal on timing out. The
watchdog module is intended to be used to apply a reset to a system in the event of a
software failure.
3.27
RTC oscillator
The RTC provides a 1-second resolution clock. This keeps time when the system is inactive
and can be used to wake the system up when a programmed alarm time is reached. It has a
clock trimming feature to compensate for the accuracy of the 32.768 kHz crystal and a
secured time update.
Main features:
●
Time-of-day clock in 24 hour mode
●
Calendar
●
Alarm capability
●
Isolation mode, allowing RTC to work even if power is not supplied to the rest of the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com