Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320-2 Datasheet(PDF) 46 Page - STMicroelectronics

Part # SPEAR320-2
Description  Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320-2 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button SPEAR320-2 Datasheet HTML 42Page - STMicroelectronics SPEAR320-2 Datasheet HTML 43Page - STMicroelectronics SPEAR320-2 Datasheet HTML 44Page - STMicroelectronics SPEAR320-2 Datasheet HTML 45Page - STMicroelectronics SPEAR320-2 Datasheet HTML 46Page - STMicroelectronics SPEAR320-2 Datasheet HTML 47Page - STMicroelectronics SPEAR320-2 Datasheet HTML 48Page - STMicroelectronics SPEAR320-2 Datasheet HTML 49Page - STMicroelectronics SPEAR320-2 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
Electrical characteristics
SPEAr320
46/73
Doc ID 16755 Rev 5
6.3
DC electrical characteristics
The recommended operating conditions are listed in the following table:
6.4
Overshoot and undershoot
This product can support the following values of overshoot and undershoot.
If the amplitude of the overshoot/undershoot increases (decreases), the ratio of
overshoot/undershoot width to the pulse width decreases (increases). The formula relating
the two is:
Amplitude of OS/US = 0.75*(1- ratio of OS (or US) duration with respect to pulse width)
Note:
The value of overshoot/undershoot should not exceed the value of 0.5 V. However, the
duration of the overshoot/undershoot can be increased by decreasing its amplitude.
3.
Based on bench measurements for worst case silicon under worst case operating conditions. Devices
tested with operating system running, CPU and DDR2 running at 333 MHz, DDR2 driven by PLL2, SDRAM
and all on-chip peripherals and internal modules enabled.
1.2 V current and power are primarily dependent on the applications running and the use of internal chip
functions (DMA, USB, Ethernet, and so on).
3.3 V current and power are primarily dependent on the capacitive loading, frequency, and utilization of the
external buses.
Table 18.
Recommended operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VDD 1.2
Supply voltage for the core
1.14
1.2
1.3
V
VDD 3.3
Supply voltage for the I/Os
3
3.3
3.6
V
VDD 2.5
PLL supply voltage(1)
1.
For power supply filtering it is required to add an external ferrite inductor.
2.25
2.5
2.75
V
VDD 2.5
Oscillator supply voltage
2.25
2.5
2.75
V
VDD 1.8
Supply voltage for DRAM interface
1.70
1.8
1.9
V
VDD RTC
RTC supply voltage
1.3
1.5
1.8
V
TO
Operating temperature
-40
85
°C
Table 19.
Overshoot and undershoot specifications
Parameter
3V3 I/Os
2V5 I/Os
1V8 I/Os
Amplitude
500 mV
500 mV
500 mV
Ratio of overshoot (or undershoot) duration with respect to
pulse width
1/3
1/3
1/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com