Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128P30TF75A Datasheet(PDF) 46 Page - Micron Technology

Part # JS28F128P30TF75A
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F128P30TF75A Datasheet(HTML) 46 Page - Micron Technology

Back Button JS28F128P30TF75A Datasheet HTML 42Page - Micron Technology JS28F128P30TF75A Datasheet HTML 43Page - Micron Technology JS28F128P30TF75A Datasheet HTML 44Page - Micron Technology JS28F128P30TF75A Datasheet HTML 45Page - Micron Technology JS28F128P30TF75A Datasheet HTML 46Page - Micron Technology JS28F128P30TF75A Datasheet HTML 47Page - Micron Technology JS28F128P30TF75A Datasheet HTML 48Page - Micron Technology JS28F128P30TF75A Datasheet HTML 49Page - Micron Technology JS28F128P30TF75A Datasheet HTML 50Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 90 page
background image
P30-65nm SBC
Datasheet
Apr 2010
46
Order Number: 208033-02
14.0
Electrical Specifications
14.1
DC Current Characteristics
Table 21: DC Current Characteristics (Sheet 1 of 2)
Sym
Parameter
CMOS
Inputs
(VCCQ =
1.7V - 3.6V)
TTL Inputs
(VCCQ =
2.4V - 3.6V)
Unit
Test Conditions
Notes
Typ
Max
Typ
Max
ILI
Input Load Current
-
±1
-
±2
µA
VCC = VCC Max
VCCQ = VCCQ Max
VIN = VCCQ or VSS
1,6
ILO
Output
Leakage
Current
DQ[15:0], WAIT
-
±1
-
±10
µA
VCC = VCC Max
VCCQ = VCCQ Max
VIN = VCCQ or VSS
ICCS,
ICCD
VCC Standby,
Power-Down
128-Mbit
30
55
710
2000
µA
VCC = VCC Max
VCCQ = VCC Max
CE# =VCCQ
RST# = VCCQ (for ICCS)
RST# = VSS (for ICCD)
WP# = VIH
1,2
64-Mbit
30
55
710
2000
ICCR
Average
VCC
Read
Current
Asynchronous Single-
Word f = 5MHz (1 CLK)
20
25
-
-
mA
8-Word Read
VCC = VCCMax
CE# = VIL
OE# = VIH
Inputs: VIL or
VIH
1
Page-Mode Read
f = 13MHz (17 CLK)
12
16
-
-
mA
8-Word Read
Synchronous Burst
f = 52MHz, LC=4
16
19
-
-
mA
4-Word Read
19
22
-
-
mA
8-Word Read
22
26
-
-
mA
16-Word
Read
23
28
-
-
mA
Continuous
Read
ICCW,
ICCE
VCC Program Current,
VCC Erase Current
35
50
35
50
mA
VPP = VPPL, Pgm/Ers in progress
1,3,5
26
33
26
33
VPP = VPPH, Pgm/Ers in progress
1,3,5
ICCWS,
ICCES
VCC Program
Suspend Current,
VCC Erase
Suspend Current
128-Mbit
30
55
710
2000
µA
CE# = VCCQ; suspend in
progress
1,3,4
64-Mbit
30
55
710
2000
IPPS,
IPPWS,
IPPES
VPP Standby Current,
VPP Program Suspend Current,
VPP Erase Suspend Current
0.2
5
0.2
5
µA
VPP = VPPL, suspend in progress
1,3,7
IPPR
VPP Read
2
15
2
15
µA
VPP = VPPL
1,3
IPPW
VPP Program Current
0.05
0.10
0.05
0.10
mA
VPP = VPPL, program in progress
3
5
10
5
10
VPP = VPPH, program in progress
IPPE
VPP Erase Current
0.05
0.10
0.05
0.10
mA
VPP = VPPL, erase in progress
3
5
10
5
10
VPP = VPPH, erase in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com