Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128P30TF75A Datasheet(PDF) 34 Page - Micron Technology

Part # JS28F128P30TF75A
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F128P30TF75A Datasheet(HTML) 34 Page - Micron Technology

Back Button JS28F128P30TF75A Datasheet HTML 30Page - Micron Technology JS28F128P30TF75A Datasheet HTML 31Page - Micron Technology JS28F128P30TF75A Datasheet HTML 32Page - Micron Technology JS28F128P30TF75A Datasheet HTML 33Page - Micron Technology JS28F128P30TF75A Datasheet HTML 34Page - Micron Technology JS28F128P30TF75A Datasheet HTML 35Page - Micron Technology JS28F128P30TF75A Datasheet HTML 36Page - Micron Technology JS28F128P30TF75A Datasheet HTML 37Page - Micron Technology JS28F128P30TF75A Datasheet HTML 38Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 90 page
background image
P30-65nm SBC
Datasheet
Apr 2010
34
Order Number: 208033-02
11.0
Register
When non-array reads are performed in asynchronous page mode only the first data is
valid and all subsequent data are undefined. When a non-array read operation occurs
as synchronous burst mode, the same word of data requested will be output on
successive clock edges until the burst length requirements are satisfied.
11.1
Status Register (SR)
The Status Register provides the ready/busy information of the device, as well as the
error information about the program, erase, VPP and block-locked operations. please
refer to Section 7.4, “Read Status Register” on page 23 and Section 7.5, “Clear Status
Register” on page 23 for detail operations.
11.2
Read Configuration Register (RCR)
The RCR is a 16-bit read/write register used to select bus-read mode (synchronous or
asynchronous), and to configure synchronous burst read characteristics of the device.
To modify RCR settings, use the Configure Read Configuration Register command (see
Section 6.2, “Device Command Bus Cycles” on page 20).
Table 12: Status Register Description
Status Register (SR)
Default Value = 0x80
Device
Ready
Status
Erase Suspend
Status 1
1. Always clear the Status Register before resuming erase operations afer an Erase Suspend command; this prevents ambiguity in
Status Register information. For example, if a command sequence error occurs during an erase suspend state, the Status
Register contains the command sequence error status (SR[7,5,4] set). When the erase operation resumes and finishes, possible
errors during the erase operation cannot be deteted via the Stauts Register because it contains the previous error status.
Erase Status Program Status
VPP Status
Program
Suspend Status
Block-Locked
Status
BEFP Write
Status
DRS
ESS
ES
PS
VPPS
PSS
BLS
BWS
76
5
4
3
2
1
0
Bit
Name
Description
7
Device Ready Status
0 = Device is busy; program or erase cycle in progress; SR.0 valid.
1 = Device is ready; SR[6:1] are valid.
6
Erase Suspend Status
0 = Erase suspend not in effect.
1 = Erase suspend in effect.
5Erase Status
Command
Sequence
Error
SR.5
SR.4
Description
4
Program Status
0
0
1
1
0
1
0
1
Program or Erase operation successful.
Program error - operation aborted.
Erase error - operation aborted.
Command sequence error - command aborted.
3
VPP Status
0 = VPP within acceptable limits during program or erase operation.
1 = VPP < VPPLK during program or erase operation.
2
Program Suspend Status
0 = Program suspend not in effect.
1 = Program suspend in effect.
1
Block-Locked Status
0 = Block not locked during program or erase.
1 = Block locked during program or erase; operation aborted.
0BEFP Write Status 2
2. BEFP mode is only valid in array.
After Buffered Enhanced Factory Programming (BEFP) data is loaded into the
buffer:
0 = BEFP complete.
1 = BEFP in-progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com