Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128P30TF75A Datasheet(PDF) 86 Page - Micron Technology

Part # JS28F128P30TF75A
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F128P30TF75A Datasheet(HTML) 86 Page - Micron Technology

Back Button JS28F128P30TF75A Datasheet HTML 82Page - Micron Technology JS28F128P30TF75A Datasheet HTML 83Page - Micron Technology JS28F128P30TF75A Datasheet HTML 84Page - Micron Technology JS28F128P30TF75A Datasheet HTML 85Page - Micron Technology JS28F128P30TF75A Datasheet HTML 86Page - Micron Technology JS28F128P30TF75A Datasheet HTML 87Page - Micron Technology JS28F128P30TF75A Datasheet HTML 88Page - Micron Technology JS28F128P30TF75A Datasheet HTML 89Page - Micron Technology JS28F128P30TF75A Datasheet HTML 90Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 86 / 90 page
background image
P30-65nm SBC
Datasheet
Apr 2010
86
Order Number: 208033-02
Notes:
1.
IS refers to Illegal State in the Next State Table.
2.
“Illegal commands” include commands outside of the allowed command set.
3.
The device defaults to "Read Array" on powerup.
4.
If a “Read Array” is attempted when the device is busy, the result will be “garbage” data (we should not tell the user that
it will actually be Status Register data). The key point is that the output mux will be pointing to the “array”, but garbage
data will be output. “Read ID” and "Read Query" commands do the exact same thing in the device. The ID and Query data
are located at different locations in the address map.
5.
The Clear Status command only clears the error bits in the Status Register if the device is not in the following modes:1.
WSM running (Pgm Busy, Erase Busy, Pgm Busy In Erase Suspend, OTP Busy, BEFP modes) 2. Suspend states (Erase
Suspend, Pgm Suspend, Pgm Suspend In Erase Suspend).
6.
BEFP writes are only allowed when the Status Register bit #0 = 0 or else the data is ignored.
7.
Confirm commands (Lock Block, Unlock Block, Lock-Down Block, Configuration Register and Blank Check) perform the
operation and then move to the Ready State.
8.
Buffered programming will botch when a different block address (as compared to the address given on the first data write
cycle) is written during the BP Load1 and BP Load2 states.
9.
All two cycle commands will be considered as a contiguous whole during device suspend states. Individual commands will
not be parsed separately. (I.e. If an erase set-up command is issued followed by a D0h command, the D0h command will
not resume the program operation. Issuing the erase set-up places the CUI in an “illegal state”. A subsequent command
will clear the “illegal state”, but the command will be otherwise ignored.
Table 45: Output Next State Table for P3x-65nm
Command Input to Chip and Resulting Output MUX Next State(1)
Current Chip State
(FFh) (40h) (E8h) (EBh) (20h) (80h) (D0h) (B0) (70h) (50h) (90h,
98h) (60h) (BCh) (C0h) (01h) (2Fh)
(03h,
04h)
other
BEFPSetup,
BEFP Pgm & Verify Busy,
Erase Setup,
OTP Setup,
BP Setup, Load 1, Load 2
BP Setup, Load1, Load 2 - in
Erase Susp.
BP Confirm
EFI Sub-function Confirm
WordPgmSetup,
Word Pgm Setup in Erase
Susp,
BP Confirm in Erase Suspend,
EFI S-fn Confirm in Ers Susp,
Blank Check Setup,
Blank Check Busy
Status Read
Lock/RCR/ECR Setup,
Lock/RCR/ECR Setup in Erase
Susp
Status Read
EFI S-fn Setup, Ld 1, Ld 2
EFI S-fn Setup, Ld1, Ld 2 - in
Erase Susp.
Output MUX will not change
BP Busy
BP Busy in Erase Suspend
EFI Sub-function Busy
EFI Sub-fn Busy in Ers Susp
Word Program Busy,
Word Pgm Busy in Erase
Suspend,
OTP Busy
Erase Busy
Status
Read
Status
Read
Status Read
Output MUX does
not Change
Ready,
Word Pgm Suspend,
BP Suspend,
Phase-1 BP Suspend,
Erase Suspend,
BP Suspend in Erase Suspend
Phase-1 BP Susp in Ers Susp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com