Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128P30TF75A Datasheet(PDF) 65 Page - Micron Technology

Part # JS28F128P30TF75A
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F128P30TF75A Datasheet(HTML) 65 Page - Micron Technology

Back Button JS28F128P30TF75A Datasheet HTML 61Page - Micron Technology JS28F128P30TF75A Datasheet HTML 62Page - Micron Technology JS28F128P30TF75A Datasheet HTML 63Page - Micron Technology JS28F128P30TF75A Datasheet HTML 64Page - Micron Technology JS28F128P30TF75A Datasheet HTML 65Page - Micron Technology JS28F128P30TF75A Datasheet HTML 66Page - Micron Technology JS28F128P30TF75A Datasheet HTML 67Page - Micron Technology JS28F128P30TF75A Datasheet HTML 68Page - Micron Technology JS28F128P30TF75A Datasheet HTML 69Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 90 page
background image
Datasheet
Apr 2010
65
Order Number:208033-02
P30-65nm SBC
A.1.4
Device Geometry Definition
Table 35: Device Geometry Definition
Offset
Length
Description
Add
Hex
Code
Value
27h
1
“n” such that device size = 2n in number of bytes
27:
See Table Below
28h
2
Flash device interface code assignment:
"n" such that n+1 specifies the bit field that represents the flash device width
capabilities as described in the table:
765
432
10
_
_
_
_
x64
x32
x16
x8
28:
--01
x16
15
14
13
12
11
10
9
8
___
___
__
29:
--00
2Ah
2
“n” such that maximum number of bytes in write buffer = 2n
2A:
--09
512
2B:
--00
2Ch
1
Number of erase block regions (x) within device:
1. x = 0 means no erase blocking; the device erases in bulk
2. x specifies the number of device regions with one or more contiguous
same-size erase blocks.
3. Symmetrically blocked partitions have one blocking region
2C:
See Table Below
2D
4
Erase Block Region 1 Information
bits 0-15 = y, y+1 = number of identical-size erase blocks
bits 16-31 = z, region erase block(s) size are z x 256 bytes
2D:
See Table Below
2E:
2F:
30:
31h
4
Erase Block Region 2 Information
bits 0-15 = y, y+1 = number of identical-size erase blocks
bits 16-31 = z, region erase block(s) size are z x 256 bytes
31:
See Table Below
32:
33:
34:
35h
4
Reserved for future erase block region information
35:
See Table Below
36:
37:
38:
Address
64-Mbit
128-Mbit
Address
64-Mbit
128-Mbit
--B
--T
--B
--T
--B
--T
--B
--T
27:
--17
--17
--18
--18
30:
--00
--02
--00
--02
28:
--01
--01
--01
--01
31:
--3E
--03
--7E
--03
29:
--00
--00
--00
--00
32:
--00
--00
--00
--00
2A
--09
--09
--09
--09
33:
--00
--80
--00
--80
2B
--00
--00
--00
--00
34:
--02
--00
--02
--00
2C:
--02
--02
--02
--02
35:
--00
--00
--00
--00
2D:
--03
--3E
--03
--7E
36:
--00
--00
--00
--00
2E:
--00
--00
--00
--00
37:
--00
--00
--00
--00
2F:
--80
-00
--80
--00
38:
--00
--00
--00
--00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com