Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128P30TF75A Datasheet(PDF) 28 Page - Micron Technology

Part # JS28F128P30TF75A
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F128P30TF75A Datasheet(HTML) 28 Page - Micron Technology

Back Button JS28F128P30TF75A Datasheet HTML 24Page - Micron Technology JS28F128P30TF75A Datasheet HTML 25Page - Micron Technology JS28F128P30TF75A Datasheet HTML 26Page - Micron Technology JS28F128P30TF75A Datasheet HTML 27Page - Micron Technology JS28F128P30TF75A Datasheet HTML 28Page - Micron Technology JS28F128P30TF75A Datasheet HTML 29Page - Micron Technology JS28F128P30TF75A Datasheet HTML 30Page - Micron Technology JS28F128P30TF75A Datasheet HTML 31Page - Micron Technology JS28F128P30TF75A Datasheet HTML 32Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
P30-65nm SBC
Datasheet
Apr 2010
28
Order Number: 208033-02
To read data from the device, the Read Array command must be issued. Read Array,
Read Status Register, Read Device Identifier, Read CFI, and Program Resume are valid
commands during a program suspend.
During a program suspend, deasserting CE# places the device in standby, reducing
active current. VPP must remain at its programming level, and WP# must remain
unchanged while in program suspend. If RST# is asserted, the device is reset.
8.5
Program Resume
The Resume command instructs the device to continue programming, and
automatically clears Status Register bits SR[7,2]. This command can be written to any
address. If error bits are set, the Status Register should be cleared before issuing the
next instruction. RST# must remain deasserted (see Figure 33, “Program Suspend/
Resume Flowchart” on page 74).
8.6
Program Protection
When VPP = VIL, absolute hardware write protection is provided for all device blocks. If
VPP is at or below VPPLK, programming operations halt and SR.3 is set indicating a VPP-
level error. Block Lock Registers are not affected by the voltage level on VPP; they may
still be programmed and read, even if VPP is less than VPPLK.
Figure 8: Example VPP Supply Connections
• Factory Programming with
V
PP = VPPH
• Complete write/Erase Protection when
V
PP ≤ VPPLK
VCC
VPP
VCC
VPP
• Low Voltage and Factory Programming
• Low-voltage Programming only
• Logic Control of Device Protection
VCC
VPP
• Low Voltage Programming Only
• Full Device Protection Unavailable
VCC
VPP
≤ 10K Ω
V
PP
V
CC
V
CC
PROT #
V
CC
V
PP=VPPH
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com