Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128P30TF75A Datasheet(PDF) 82 Page - Micron Technology

Part # JS28F128P30TF75A
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F128P30TF75A Datasheet(HTML) 82 Page - Micron Technology

Back Button JS28F128P30TF75A Datasheet HTML 78Page - Micron Technology JS28F128P30TF75A Datasheet HTML 79Page - Micron Technology JS28F128P30TF75A Datasheet HTML 80Page - Micron Technology JS28F128P30TF75A Datasheet HTML 81Page - Micron Technology JS28F128P30TF75A Datasheet HTML 82Page - Micron Technology JS28F128P30TF75A Datasheet HTML 83Page - Micron Technology JS28F128P30TF75A Datasheet HTML 84Page - Micron Technology JS28F128P30TF75A Datasheet HTML 85Page - Micron Technology JS28F128P30TF75A Datasheet HTML 86Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 90 page
background image
P30-65nm SBC
Datasheet
Apr 2010
82
Order Number: 208033-02
Figure 41: Status Register Flowchart
Start
SR7 = '1'
SR2 = '1'
SR4 = '1'
SR3 = '1'
SR1 = '1'
Yes
Yes
No
Yes
No
No
No
SR6 = '1'
Yes
No
SR5 = '1'
No
No
Program Suspend
See Suspend /Resume Flowchart
Erase Suspend
See Suspend /Resume Flowchart
Error
Command Sequence
Yes
Yes
Yes
Error
Erase Failure
Error
Program Failure
Error
VPEN/PP < VPENLK/PPLK
Error
Block Locked
-Set by WSM
- Reset by user
- See Clear Status
Register Command
- Set/Reset
by WSM
SR4 = '1'
Yes
No
End
Command Cycle
- Issue Status Register Command
- Address = any device address
- Data = 0x70
Data Cycle
- Read Status Register SR[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com